Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

74LVXU04MTR Datasheet(Fiches technique) 8 Page - STMicroelectronics

Numéro de pièce 74LVXU04MTR
Description  LOW VOLTAGE CMOS HEX INVERTER (SINGLE STAGE) WITH 5V TOLERANT INPUTS
Télécharger  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVXU04MTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button 74LVXU04MTR Datenblatt HTML 3Page - STMicroelectronics 74LVXU04MTR Datenblatt HTML 4Page - STMicroelectronics 74LVXU04MTR Datenblatt HTML 5Page - STMicroelectronics 74LVXU04MTR Datenblatt HTML 6Page - STMicroelectronics 74LVXU04MTR Datenblatt HTML 7Page - STMicroelectronics 74LVXU04MTR Datasheet HTML 8Page - STMicroelectronics 74LVXU04MTR Datenblatt HTML 9Page - STMicroelectronics 74LVXU04MTR Datenblatt HTML 10Page - STMicroelectronics 74LVXU04MTR Datenblatt HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
74LVXU04
8/11
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.4
6.6
0.252
0.260
Bo
9
9.2
0.354
0.362
Ko
2.1
2.3
0.082
0.090
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel SO-14 MECHANICAL DATA


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn