Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3503ITLX-25 Fiches technique(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM3503ITLX-25
Description  Dual-Display Constant Current LED Driver with Analog Brightness Control
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3503ITLX-25 Fiches technique(HTML) 5 Page - National Semiconductor (TI)

  LM3503ITLX-25 Datasheet HTML 1Page - National Semiconductor (TI) LM3503ITLX-25 Datasheet HTML 2Page - National Semiconductor (TI) LM3503ITLX-25 Datasheet HTML 3Page - National Semiconductor (TI) LM3503ITLX-25 Datasheet HTML 4Page - National Semiconductor (TI) LM3503ITLX-25 Datasheet HTML 5Page - National Semiconductor (TI) LM3503ITLX-25 Datasheet HTML 6Page - National Semiconductor (TI) LM3503ITLX-25 Datasheet HTML 7Page - National Semiconductor (TI) LM3503ITLX-25 Datasheet HTML 8Page - National Semiconductor (TI) LM3503ITLX-25 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN Pin
−0.3V to +5.5V
Sw Pin
−0.3V to +48V
Fb Pin
−0.3V to +5.5V
Cntrl Pin
−0.3V to +5.5V
V
OUT1Pin
−0.3V to +48V
V
OUT2 Pin
−0.3V to V
OUT1
En1
−0.3V to +5.5V
En2
−0.3V to +5.5V
Continuous Power Dissipation
Internally Limited
Maximum Junction Temperature
(T
J-MAX)
+150˚C
Storage Temperature Range
−65˚C to +150˚C
ESD Rating (Note 2)
Human Body Model:
Machine Model:
2kV
200V
Operating Conditions (Notes 1, 6)
Junction Temperature (T
J) Range
−40˚C to +125˚C
Ambient Temperature (T
A) Range
−40˚C to +85˚C
Supply Voltage, V
IN Pin
2.5V to 5.5V
En1 and En2 Pins
0V to 5.5V
Cntrl Pin
0V to 3.5V
Thermal Properties (Note 4)
Junction-to-Ambient Thermal Resistance (
θ
JA)
Micro SMD Package
65˚C/W
Leadless Leadframe Package
49˚C/W
Electrical Characteristics (Notes 6, 7) Limits in standard typeface are for T
J = +25˚C. Limits in bold type-
face apply over the full operating junction temperature range (−40˚C
≤ T
J
≤ +125˚C). Unless otherwise specified,V
IN = 2.5V.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
IN
Input Voltage
2.5
5.5
V
I
Q
Non-Switching
Switching
Shutdown
Cntrl = 1.6V
Fb = 0V, Sw Is Floating
En1=En2=0V
0.5
1.9
0.1
1
3
3
mA
mA
µA
V
Fb
Feedback Voltage
Cntrl = 3.5V
0.5
0.55
0.6
V
I
CL
NMOS Power Switch
Current Limit
16, Fb = 0V
25, Fb = 0V
35, Fb = 0V
44,FB = 0V
250
400
450
450
400
600
750
750
650
800
1050
1050
mA
I
Fb
Feedback Pin Output
Bias Current
Fb = 0.25V, Cntrl = 1.6V
64
500
nA
F
S
Switching Frequency
0.8
1
1.2
MHz
R
DS(ON)
NMOS Power Switch
ON Resistance
(Figure 1: N1)
I
Sw = 500 mA, (Note 8)
0.55
1.1
R
PDS(ON)
PMOS ON Resistance
Of V
OUT1/VOUT2
Switch (Figure 1: P1)
I
PMOS = 20 mA, En1 = 0V, En2 = 1.5V
5
10
R
NDS(ON)
NMOS ON Resistance
Of V
OUT2/Fb Switch
(Figure 1: N2)
I
NMOS = 20 mA, En1 = 1.5V, En2 = 0V
2.5
5
D
MAX
Maximum Duty Cycle
Fb = 0V
90
95
%
I
CNTRL
Cntrl Pin Bias Current
(Note 3)
Cntrl = 2.5V
Cntrl = 0V
8
0.1
14
µA
I
Sw
Sw Pin Leakage
Current (Note 3)
Sw = 42V, En1 = En2 =0V
0.01
5
µA
I
VOUT1(OFF)
V
OUT1 Pin Leakage
Current (Note 3)
V
OUT1 = 14V, En1 = En2 = 0V (16)
V
OUT1 = 23V, En1 = En2 = 0V (25)
V
OUT1 = 32V, En1 = En2 = 0V (35)
V
OUT1 = 42V, En1 = En2 = 0V (44)
0.1
0.1
0.1
0.1
3
3
3
3
µA
www.national.com
5


Numéro de pièce similaire - LM3503ITLX-25

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3503ITLX-25 NSC-LM3503ITLX-25 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Texas Instruments
LM3503ITLX-25NOPB TI1-LM3503ITLX-25NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
More results

Description similaire - LM3503ITLX-25

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM3503 TI1-LM3503 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
Fairchild Semiconductor
FAN5617 FAIRCHILD-FAN5617 Datasheet
265Kb / 10P
   High-Efficiency, Constant-Current LED Driver with TinyWire Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
National Semiconductor ...
LM2792 NSC-LM2792 Datasheet
204Kb / 10P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM2791 NSC-LM2791 Datasheet
226Kb / 11P
   Current Regulated Switched Capacitor LED Driver with Analog Brightness Control
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com