Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145162P1 Fiches technique(PDF) 11 Page - Motorola, Inc

No de pièce MC145162P1
Description  60MHZ AND 85 MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145162P1 Fiches technique(HTML) 11 Page - Motorola, Inc

Back Button MC145162P1 Datasheet HTML 7Page - Motorola, Inc MC145162P1 Datasheet HTML 8Page - Motorola, Inc MC145162P1 Datasheet HTML 9Page - Motorola, Inc MC145162P1 Datasheet HTML 10Page - Motorola, Inc MC145162P1 Datasheet HTML 11Page - Motorola, Inc MC145162P1 Datasheet HTML 12Page - Motorola, Inc MC145162P1 Datasheet HTML 13Page - Motorola, Inc MC145162P1 Datasheet HTML 14Page - Motorola, Inc MC145162P1 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
MC145162
•MC145162–1
MOTOROLA
11
ADin
CLK
ENB
Figure 15. Programming Format for Transmit and Receive Counters
(4–Pin Interfacing Scheme)
16–BIT Tx COUNTER
DIVDE RATIO
Din
16–BIT Rx COUNTER
DIVIDE RATIO
NOTE: ENB must be low during the serial transfer.
LAST
CLOCK
Table 3. Global CT–1 Reference Frequency Setting vs Channel Frequencies
Country
Channels Frequency
fR1
fR2
U.S.A.
46/49 MHz (10, 15, 25 Channels)
5.0 kHz
France
26/41 MHz
6.25 kHz/12.5 kHz
Spain
31/41 MHz
5.0 kHz
Australia
30/39 MHz
5.0 kHz
U.K.
1.7/47 MHz
6.25 kHz
1.0 kHz
New Zealand
1.7/34/40 MHz
6.25 kHz
1.0 kHz
REFERENCE FREQUENCY SELECTION
AND PROGRAMMING
Figure 16 shows the bit function of the reference frequency
programming word. The user can either select the “fixed”
reference frequency for all channels accordingly or provide a
specific reference frequency for a particular channel by using
two reference frequency counters (e.g., for an application in
France, the base set transmit channel common fixed refer-
ence frequency is 6.25 kHz or 12.5 kHz). (See Table 3 and
Figure 6 for reference frequencies for various countries.)
However, transmit channels 6, 8, and 14 can be set to
25 kHz, and channel 8 reference frequency can be set to
50 kHz. But this reference frequency may not be applied to
the receiving side; therefore, the receiving side reference fre-
quency must be generated by another reference frequency
counter. The higher the reference frequency, the better the
phase noise performance and faster the lock time, but the
PLL consumes more current if both reference frequency
counters are in operation.
In general, the 12–bit reference frequency counter plus the
4 and25 module can offer all the reference frequencies
for global CT–1 transmit and receive channel requirements.
Users can select their own reference frequency by intro-
ducing the additional 14–bit auxiliary reference frequency
counter.
Again, the 14–bit auxiliary reference frequency counter can
be shut down by the auxiliary reference enable bit in the refer-
ence counter programming word by setting the bit to 0. At this
state, the fR2 is automatically connected to point C (the25
block output), and fR1 can be connected to point A or B by set-
ting the fR1–S1 and fR1–S2 bits in the reference counter pro-
gram word. The 14–bit auxiliary reference frequency counter
data will be in “Don’t Care” state.
If the 14–bit auxiliary reference frequency counter is
enabled (auxiliary reference enable = 1), then fR2 is auto-
matically connected to point D (14–bit counter output), and
fR1 can be selected to connect to point A, B, or C, depending
on the bit setting of fR1–S1 and fR1–S2.
Table 4 and Figure 16 describe the functions of the auxiliary
reference enable bit and the fR1–S1 and fR1–S2 bits
selection.


Numéro de pièce similaire - MC145162P1

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
MC145162P LANSDALE-MC145162P Datasheet
1Mb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
MC145162P LANSDALE-MC145162P Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
More results

Description similaire - MC145162P1

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
ML145162 LANSDALE-ML145162_08 Datasheet
436Kb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers
ML145162 LANSDALE-ML145162 Datasheet
1Mb / 24P
   60 MHz and 85 MHz Universal Programmable Dual PLL Frequency Synthesizers CMOS
logo
Sanyo Semicon Device
LC7152 SANYO-LC7152 Datasheet
272Kb / 12P
   Universal Dual-PLL Frequency Synthesizers
LC7153 SANYO-LC7153 Datasheet
276Kb / 11P
   Universal Dual-PLL Frequency Synthesizers?
logo
Motorola, Inc
MC145165 MOTOROLA-MC145165 Datasheet
49Kb / 2P
   LOW-VOLTAGE 60MHZ UNIVERSAL PROGRAMMABLE DUAL PLL FREQUENCY SYNTHESIZER CMOS
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
logo
Hynix Semiconductor
GM6535 HYNIX-GM6535 Datasheet
225Kb / 23P
   60 MHz Universal Programmable Dual PLL Frequency synthesizer
logo
Sanyo Semicon Device
LM7007M SANYO-LM7007M Datasheet
228Kb / 9P
   Dual-PLL Frequency Synthesizers
logo
Analog Devices
ADF4217 AD-ADF4217_15 Datasheet
247Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
ADF4207 AD-ADF4207_15 Datasheet
226Kb / 20P
   Dual RF PLL Frequency Synthesizers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com