Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MT3S46T Fiches technique(PDF) 3 Page - Toshiba Semiconductor

No de pièce MT3S46T
Description  VCO OSCILLETOR STAGE UHF LOW NOISE AMPLIFIER APPLICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MT3S46T Fiches technique(HTML) 3 Page - Toshiba Semiconductor

  MT3S46T Datasheet HTML 1Page - Toshiba Semiconductor MT3S46T Datasheet HTML 2Page - Toshiba Semiconductor MT3S46T Datasheet HTML 3Page - Toshiba Semiconductor MT3S46T Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MT3S46T
3
2002-11-14
|S21e|
2-IC
1V
VCE=3V
f=1GHz
Ta=25℃
0
5
10
15
20
1
10
100
COLLECTOR CURRENT IC(mA)
|S21e|
2-IC
1V
VCE=3V
f=2GHz
Ta=25℃
0
5
10
15
1
10
100
COLLECTOR CURRENT IC(mA)
fT-IC
1V
VCE=3V
f=2GHz
Ta=25℃
0
2
4
6
8
10
12
14
16
18
20
1
10
100
COLLECTOR CURRENT IC(mA)
Cre,Cob-VCB
Cob
Cre
IE=0
f=1MHz
Ta=25℃
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0.1
1
10
COLLECTOR-BASE VOLTAGE VCB(V)
NF,Ga-IC
NF
f=2GHz
VCE=3V
Ta=25℃
Ga
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
110
100
COLLECTOR CURRENT IC(mA)
0
2
4
6
8
10
12
14
PC-Ta
0
20
40
60
80
100
120
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE Ta(℃)


Numéro de pièce similaire - MT3S46T

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
MT3S40T TOSHIBA-MT3S40T Datasheet
125Kb / 4P
   VCO OSCILLETOR STAGE UHF LOW NOISE AMPLIFIER APPLICATION
MT3S41FS TOSHIBA-MT3S41FS Datasheet
132Kb / 4P
   VCO OSCILLETOR STAGE UHF LOW NOISE AMPLIFIER APPLICATION
MT3S41FS TOSHIBA-MT3S41FS Datasheet
121Kb / 4P
   UHF Low-Noise Amplifier Application
MT3S41FS TOSHIBA-MT3S41FS_07 Datasheet
121Kb / 4P
   UHF Low-Noise Amplifier Application
MT3S41T TOSHIBA-MT3S41T Datasheet
122Kb / 4P
   VCO OSCILLETOR STAGE UHF LOW NOISE AMPLIFIER APPLICATION
More results

Description similaire - MT3S46T

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
MT3S41T TOSHIBA-MT3S41T Datasheet
122Kb / 4P
   VCO OSCILLETOR STAGE UHF LOW NOISE AMPLIFIER APPLICATION
MT3S45T TOSHIBA-MT3S45T Datasheet
126Kb / 4P
   VCO OSCILLETOR STAGE UHF LOW NOISE AMPLIFIER APPLICATION
MT3S41FS TOSHIBA-MT3S41FS Datasheet
132Kb / 4P
   VCO OSCILLETOR STAGE UHF LOW NOISE AMPLIFIER APPLICATION
MT3S40T TOSHIBA-MT3S40T Datasheet
125Kb / 4P
   VCO OSCILLETOR STAGE UHF LOW NOISE AMPLIFIER APPLICATION
logo
E-Tech Electronics LTD
MT3S37T ETL-MT3S37T Datasheet
125Kb / 4P
   VCO OSCILLETOR STAGE UHF LOW NOISE AMPLIFIER APPLICATION
logo
Toshiba Semiconductor
MT3S41T TOSHIBA-MT3S41T_07 Datasheet
126Kb / 4P
   UHF LOW NOISE AMPLIFIER APPLICATION
MT4S101T TOSHIBA-MT4S101T_07 Datasheet
125Kb / 5P
   UHF Low Noise Amplifier Application
TA4020FT TOSHIBA-TA4020FT Datasheet
140Kb / 4P
   UHF LOW NOISE AMPLIFIER APPLICATION
MT4S100U TOSHIBA-MT4S100U Datasheet
146Kb / 4P
   UHF LOW NOISE AMPLIFIER APPLICATION
MT3S35FS TOSHIBA-MT3S35FS Datasheet
138Kb / 4P
   UHF Low-Noise Amplifier Application
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com