Moteur de recherche de fiches techniques de composants électroniques |
|
KM62U256DLG-7L Fiches technique(PDF) 3 Page - Samsung semiconductor |
|
KM62U256DLG-7L Fiches technique(HTML) 3 Page - Samsung semiconductor |
3 / 9 page KM62V256D, KM62U256D Family CMOS SRAM Revision 1.0 November 1997 3 PRODUCT LIST Commercial Temperature Products (0~70 °C) Extended Temperature Products (-25~85 °C) Industrial Temperature Products (-40~85 °C) Part Name Function Part Name Function Part Name Function KM62V256DLG-7L KM62V256DLTG-7L KM62V256DLTG-10L KM62V256DLRG-7L KM62V256DLRG-10L KM62U256DLG-7L KM62U256DLG-8L KM62U256DLG-10L KM62U256DLTG-7L KM62U256DLTG-8L KM62U256DLTG-10L KM62U256DLRG-7L KM62U256DLRG-8L KM62U256DLRG-10L 28-SOP, 70ns, 3.3V 28-TSOP F, 70ns, 3.3V 28-TSOP F, 100ns, 3.3V 28-TSOP R, 70ns, 3.3V 28-TSOP R, 100ns, 3.3V 28-SOP, 70ns, 3.0V 28-SOP, 85ns, 3.0V 28-SOP, 100ns, 3.0V 28-TSOP F, 70ns, 3.0V 28-TSOP F, 85ns, 3.0V 28-TSOP F, 100ns, 3.0V 28-TSOP R, 70ns, 3.0V 28-TSOP R, 85ns, 3.0V 28-TSOP R, 100ns, 3.0V KM62V256DLGE-7L KM62V256DLTGE-7L KM62V256DLTGE-10L KM62V256DLRGE-7L KM62V256DLRGE-10L KM62U256DLGE-7L KM62U256DLGE-8L KM62U256DLGE-10L KM62U256DLTGE-7L KM62U256DLTGE-8L KM62U256DLTGE-10L KM62U256DLRGE-7L KM62U256DLRGE-8L KM62U256DLRGE-10L 28-SOP, 70ns, 3.3V 28-TSOP F, 70ns, 3.3V 28-TSOP F, 100ns, 3.3V 28-TSOP R, 70ns, 3.3V 28-TSOP R, 100ns, 3.3V 28-SOP, 70ns, 3.0V 28-SOP, 85ns, 3.0V 28-SOP, 100ns, 3.0V 28-TSOP F, 70ns, 3.0V 28-TSOP F, 85ns, 3.0V 28-TSOP F, 100ns, 3.0V 28-TSOP R, 70ns, 3.0V 28-TSOP R, 85ns, 3.0V 28-TSOP R, 100ns, 3.0V KM62V256DLGI-7L KM62V256DLTGI-7L KM62V256DLTGI-10L KM62V256DLRGI-7L KM62V256DLRGI-10L KM62U256DLGI-7L KM62U256DLGI-8L KM62U256DLGI-10L KM62U256DLTGI-7L KM62U256DLTGI-8L KM62U256DLTGI-10L KM62U256DLRGI-7L KM62U256DLRGI-8L KM62U256DLRGI-10L 28-SOP, 70ns, 3.3V 28-TSOP F, 70ns, 3.3V 28-TSOP F, 100ns, 3.3V 28-TSOP R, 70ns, 3.3V 28-TSOP R, 100ns, 3.3V 28-SOP, 70ns, 3.0V 28-SOP, 85ns, 3.0V 28-SOP, 100ns, 3.0V 28-TSOP F, 70ns, 3.0V 28-TSOP F, 85ns, 3.0V 28-TSOP F, 100ns, 3.0V 28-TSOP R, 70ns, 3.0V 28-TSOP R, 85ns, 3.0V 28-TSOP R, 100ns, 3.0V FUNCTIONAL DESCRIPTION 1. X means don ′t care (Must be in high or low states) CS OE WE I/O Mode Power H X1) X1) High-Z Deselected Standby L H H High-Z Output Disabled Active L L H Dout Read Active L X1) L Din Write Active ABSOLUTE MAXIMUM RATINGS1) 1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability. Item Symbol Ratings Unit Remark Voltage on any pin relative to Vss VIN,VOUT -0.5 to VCC+0.5 V - Voltage on Vcc supply relative to Vss VCC -0.5 to 4.6 V - Power Dissipation PD 1.0 W - Storage temperature TSTG -65 to 150 °C - Operating Temperature TA 0 to 70 °C KM62V256DL, KM62U256DL -25 to 85 °C KM62V256DLE, KM62U256DLE -40 to 85 °C KM62V256DLI, KM62U256DLI Soldering temperature and time TSOLDER 260 °C, 10sec (Lead Only) - - |
Numéro de pièce similaire - KM62U256DLG-7L |
|
Description similaire - KM62U256DLG-7L |