Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KB814 Fiches technique(PDF) 4 Page - Kingbright Corporation

No de pièce KB814
Description  GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB814 Fiches technique(HTML) 4 Page - Kingbright Corporation

  KB814 Datasheet HTML 1Page - Kingbright Corporation KB814 Datasheet HTML 2Page - Kingbright Corporation KB814 Datasheet HTML 3Page - Kingbright Corporation KB814 Datasheet HTML 4Page - Kingbright Corporation KB814 Datasheet HTML 5Page - Kingbright Corporation KB814 Datasheet HTML 6Page - Kingbright Corporation KB814 Datasheet HTML 7Page - Kingbright Corporation KB814 Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PHOTOCOUPLER
KB814
SPEC NO: DSAD1533
REV NO: V.3
DATE: JUN/19/2003
PAGE: 4 OF 8
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: Y.H.LI
Fig. 1 Current Transfer Ratio vs.
Forward Current
Fig. 2 Forward Current vs.
Forward voltage
Fig. 3 Collector Current vs.
Collector-emitter Voltage
Fig. 4 Relative Current Transfer Ratio
vs. Ambient Temperature
Fig. 5 Collector-emitter Saturation
Voltage vs. Ambient Temperature
Fig. 6 Collector Dark Current vs.
Ambient Temperature


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
MSD42SWT1 NPN Silicon General Purpose High Voltage Transistor 1  2  ON Semiconductor
2SC5658M3T5G NPN Silicon General Purpose Amplifier Transistor 1  2  3  4  Vaishali Semiconductor
BC807DS PNP general purpose double transistor 1  2  3  4  5  More NXP Semiconductors
BSS76 HIGH VOLTAGE PNP SILICON TRANSISTOR 1  2  Seme LAB
HVP050P5000 High Voltage Power Supply - 250W Series 1  2  Voltage Multipliers Inc.
AQV212S GU General Use Type SOP Series [1-Channel Form A Type] 1  2  3  Nais(Matsushita Electric Works)
2SA2029M3 PNP Silicon General Purpose Amplifier Transistor 1  2  3  4  ON Semiconductor
M180UFG HIGH VOLTAGE RECTIFIER 1  Voltage Multipliers Inc.
2SC5657 Horizontal Deflection Transistor Series for TV 1  2  3  4  5  More Panasonic Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn