Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HV500V Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce HV500V
Description  Ceramic Disc Capacitors Class 1 and 2, 500 V (DC) General Purpose
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HV500V Fiches technique(HTML) 1 Page - Vishay Siliconix

  HV500V Datasheet HTML 1Page - Vishay Siliconix HV500V Datasheet HTML 2Page - Vishay Siliconix HV500V Datasheet HTML 3Page - Vishay Siliconix HV500V Datasheet HTML 4Page - Vishay Siliconix HV500V Datasheet HTML 5Page - Vishay Siliconix HV500V Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HV 500 V
Vishay BCcomponents
Document Number 28513
For technical questions contact: CDC@vishay.com
www.vishay.com
Revision 28-Sep-06
35
Ceramic Disc Capacitors
Class 1 and 2, 500 V (DC) General Purpose
FEATURES
• Low losses
• High stability
• High capacitance in small size
• Kinked (preferred) or straight leads
• Lead (Pb)-free available
APPLICATIONS
• Bypassing
• Coupling
• Resonant circuit
DESIGN
The capacitors consist of a ceramic disc both sides of which
are silver-plated. Connection leads are made of tinned
copper having a diameter of 0.6 mm.
The capacitors have inward kinked leads with a spacing of
5 mm (0.200") or 7.5 mm (0.300") and a lead length from
4 to 30 mm. Encapsulation is made of phenolic resin.
CAPACITANCE RANGE:
Class 1, at 1 MHz, 1.2 V (RMS); 10 to 82 pF
1 kHz, 1 ± 0.2 V (RMS) for capacitance values higher than
1000 pF
Class 2, at 1 kHz, 1 ± 0.2 V (RMS); 100 to 22 000 pF
RATED DC VOLTAGE:
500 V
DIELECTRIC STRENGTH:
250 % of rated voltage
INSULATION RESISTANCE AT 500 V (DC):
≥ 10 000 MΩ
TOLERANCE ON CAPACITANCE:
± 5 %; ± 10 %; ± 20 %; + 80/- 20 %
DISSIPATION FACTOR:
Class 1, C
≤ 30 pF; ≤ 20 x (10/C + 0.7) x 10-4 maximum
Class 1, C > 30 pF;
≤ 0.2 %
Class 2,
≤ 3.0 %
TEMPERATURE COEFFICIENTS:
Class 1 C0G (NP0); SL0
Class 2 Y5P; Z5U; Y5V; X5F
SECTIONAL SPECIFICATIONS:
Class 1 IEC 60 384-8,
Class 2 IEC 60 384-9,
EIA 198
CLIMATIC CATEGORY:
Class 1 55/125/21
Class 2 10/85/21, 30/85/21 and 55/85/21
OPERATING TEMPERATURE RANGE:
Class 1 - 55 to + 125 °C
Class 2 - 55 to + 85 °C
MARKING
Marking indicates capacitance value and tolerance in
accordance with “EIA 198”.
F
D
SH
tangent
line
Capacitors with 5 mm (0.20") lead spacing
Capacitors with 7.5 mm (0.30") lead spacing
F
D
SH
tangent
line
The capacitors meet the essential requirements of “EIA 198”. Unless stated otherwise all electrical values apply at an ambient
temperature of 25 ± 3 °C, at normal atmospheric conditions.
RoHS
COMPLIANT
e2


Numéro de pièce similaire - HV500V

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
HV500V VISHAY-HV500V Datasheet
274Kb / 6P
   Ceramic Disc Capacitors Class 1 and 2, 500 V (DC) General Purpose
Revision 19-Jan-07
HV500V VISHAY-HV500V Datasheet
294Kb / 5P
   Ceramic Disc Capacitors Class 1, 500 V (DC) Narrow Tolerance
Revision: 20-Mar-07
HV500V VISHAY-HV500V_08 Datasheet
274Kb / 6P
   Ceramic Disc Capacitors Class 1 and 2, 500 V (DC) General Purpose
Revision 19-Jan-07
HV500V VISHAY-HV500V_1 Datasheet
294Kb / 5P
   Ceramic Disc Capacitors Class 1, 500 V (DC) Narrow Tolerance
Revision: 20-Mar-07
More results

Description similaire - HV500V

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
HV500V VISHAY-HV500V_08 Datasheet
274Kb / 6P
   Ceramic Disc Capacitors Class 1 and 2, 500 V (DC) General Purpose
Revision 19-Jan-07
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
LV100V VISHAY-LV100V Datasheet
102Kb / 5P
   Ceramic Disc Capacitors Class 1 and 2, 100 V (DC) General Purpose
Revision: 23-Feb-05
LV50V VISHAY-LV50V Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
D102K20Y5PH6TJ6R VISHAY-D102K20Y5PH6TJ6R Datasheet
323Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D471K20Y5PH63L2R VISHAY-D471K20Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D332K29Y5PH63L2R VISHAY-D332K29Y5PH63L2R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
HV500V VISHAY-HV500V_1 Datasheet
294Kb / 5P
   Ceramic Disc Capacitors Class 1, 500 V (DC) Narrow Tolerance
Revision: 20-Mar-07
DSERIES VISHAY-DSERIES Datasheet
126Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
01-Jan-2022
HV1KV-6KV VISHAY-HV1KV-6KV Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com