Moteur de recherche de fiches techniques de composants électroniques |
|
AD9246BCPZ-80 Fiches technique(PDF) 6 Page - Analog Devices |
|
AD9246BCPZ-80 Fiches technique(HTML) 6 Page - Analog Devices |
6 / 44 page AD9246 Rev. A | Page 6 of 44 DIGITAL SPECIFICATIONS AVDD = 1.8 V; DRVDD = 2.5 V, maximum sample rate, 2 V p-p differential input, 1.0 V internal reference; AIN = −1.0 dBFS, DCS enabled, unless otherwise noted. Table 3. AD9246BCPZ-80/105/125 Parameter Temp Min Typ Max Unit DIFFERENTIAL CLOCK INPUTS (CLK+, CLK−) Logic Compliance CMOS/LVDS/LVPECL Internal Common-Mode Bias Full 1.2 V Differential Input Voltage Full 0.2 6 V p-p Input Voltage Range Full AVDD − 0.3 AVDD + 1.6 V Input Common-Mode Range Full 1.1 AVDD V High Level Input Voltage (VIH) Full 1.2 3.6 V Low Level Input Voltage (VIL) Full 0 0.8 V High Level Input Current (IIH) Full −10 +10 μA Low Level Input Current (IIL) Full −10 +10 μA Input Resistance Full 8 10 12 kΩ Input Capacitance Full 4 pF LOGIC INPUTS (SCLK/DFS, OEB, PWDN) High Level Input Voltage (VIH) Full 1.2 3.6 V Low Level Input Voltage (VIL) Full 0 0.8 V High Level Input Current (IIH) Full −50 −75 μA Low Level Input Current (IIL) Full −10 +10 μA Input Resistance Full 30 kΩ Input Capacitance Full 2 pF LOGIC INPUTS (CSB) High Level Input Voltage (VIH) Full 1.2 3.6 V Low Level Input Voltage (VIL) Full 0 0.8 V High Level Input Current (IIH) Full −10 +10 μA Low Level Input Current (IIL) Full +40 +135 μA Input Resistance Full 26 kΩ Input Capacitance Full 2 pF LOGIC INPUTS (SDIO/DCS) High Level Input Voltage (VIH) Full 1.2 DRVDD + 0.3 V Low Level Input Voltage (VIL) Full 0 0.8 V High Level Input Current (IIH) Full −10 +10 μA Low Level Input Current (IIL) Full +40 +130 μA Input Resistance Full 26 kΩ Input Capacitance Full 5 pF DIGITAL OUTPUTS DRVDD = 3.3 V High Level Output Voltage (VOH, IOH = 50 μA) Full 3.29 V High Level Output Voltage (VOH , IOH = 0.5 mA) Full 3.25 V Low Level Output Voltage (VOL, IOL = 1.6 mA) Full 0.2 V Low Level Output Voltage (VOL, IOL = 50 μA) Full 0.05 V DRVDD = 1.8 V High Level Output Voltage (VOH, IOH = 50 μA) Full 1.79 V High Level Output Voltage (VOH, IOH = 0.5 mA) Full 1.75 V Low Level Output Voltage (VOL, IOL = 1.6 mA) Full 0.2 V Low Level Output Voltage (VOL, IOL = 50 μA) Full 0.05 V |
Numéro de pièce similaire - AD9246BCPZ-80 |
|
Description similaire - AD9246BCPZ-80 |