Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8648 Fiches technique(PDF) 1 Page - Analog Devices

No de pièce AD8648
Description  Low Cost, 24 MHz, Rail-to-Rail, Quad Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8648 Fiches technique(HTML) 1 Page - Analog Devices

  AD8648 Datasheet HTML 1Page - Analog Devices AD8648 Datasheet HTML 2Page - Analog Devices AD8648 Datasheet HTML 3Page - Analog Devices AD8648 Datasheet HTML 4Page - Analog Devices AD8648 Datasheet HTML 5Page - Analog Devices AD8648 Datasheet HTML 6Page - Analog Devices AD8648 Datasheet HTML 7Page - Analog Devices AD8648 Datasheet HTML 8Page - Analog Devices AD8648 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low Cost, 24 MHz, Rail-to-Rail,
Quad Amplifiers
AD8648
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Low offset voltage: 2.5 mV max
Single-supply operation: 2.7 V to 5.5 V
Low noise: 6 nV/√Hz
Wide bandwidth: 24 MHz
Slew rate: 12 V/μs
High output current: 150 mA
No phase reversal
Low input bias current: 1 pA
Low supply current: 2 mA max
Unity-gain stable
APPLICATIONS
Barcode scanners
Battery-powered instrumentation
Multipole filters
Sensors
ASIC input or output amplifiers
Audio
Photodiode amplification
PIN CONFIGURATIONS
1
2
3
4
5
6
7
AD8648
–IN A
+IN A
V+
OUT B
–IN B
+IN B
OUT A
14
13
12
11
10
9
8
–IN D
+IN D
V–
OUT C
–IN C
+IN C
OUT D
TOP VIEW
(Not to Scale)
1
2
3
4
5
6
7
AD8648
14
13
12
11
10
9
8
TOP VIEW
(Not to Scale)
Figure 1. 14-Lead TSSOP (RU-14)
OUT A
1
IN A
2
+IN A
3
V+
4
OUT D
14
IN D
13
+IN D
12
V
11
+IN B
5
+IN C
10
IN B
6
IN C
9
OUT B
7
OUT C
8
AD8648
TOP VIEW
(Not to Scale)
1
2
3
4
14
13
12
11
5
10
6
9
7
8
AD8648
TOP VIEW
(Not to Scale)
Figure 2. 14-Lead SOIC (R-14)
GENERAL DESCRIPTION
The AD8648 is a quad, rail-to-rail, input and output, single-
supply amplifier featuring low offset voltage, wide signal
bandwidth, and low input voltage and current noise.
The combination of 24 MHz bandwidth, low offset, low noise,
and very low input bias current makes these amplifiers useful in
a wide variety of applications. Filters, integrators, photodiode
amplifiers, and high impedance sensors all benefit from the
combination of performance features. AC applications benefit
from the wide bandwidth and low distortion. The AD8648
family offers high output drive capability, which is excellent for
audio line drivers and other low impedance applications.
Applications for the part include portable and low powered
instrumentation, audio amplification for portable devices,
portable phone headsets, bar code scanners, and multipole
filters. The ability to swing rail to rail at both the input and
output enables designers to buffer CMOS ADCs, DACs, ASICs,
and other wide output swing devices in single-supply systems.


Numéro de pièce similaire - AD8648

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8648 AD-AD8648 Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8648 AD-AD8648 Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
AD8648ARUZ AD-AD8648ARUZ Datasheet
580Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
Rev. B
AD8648ARUZ AD-AD8648ARUZ Datasheet
392Kb / 20P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
REV. D
AD8648ARUZ AD-AD8648ARUZ Datasheet
513Kb / 18P
   24 MHz Rail-to-Rail Amplifiers with Shutdown Option
More results

Description similaire - AD8648

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8061 AD-AD8061 Datasheet
314Kb / 16P
   Low-Cost, 300 MHz Rail-to-Rail Amplifiers
REV. C
AD8061 AD-AD8061_07 Datasheet
530Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. E
AD8061 AD-AD8061_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8062 AD-AD8062_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8063 AD-AD8063_15 Datasheet
393Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. J
AD8061 AD-AD8061_05 Datasheet
452Kb / 20P
   Low Cost, 300 MHz Rail-to-Rail Amplifiers
Rev. D
AD8648 AD-AD8648_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8646 AD-AD8646_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8647 AD-AD8647_15 Datasheet
520Kb / 20P
   24 MHz Rail-to-Rail Amplifiers
Rev. E
AD8091 AD-AD8091 Datasheet
229Kb / 16P
   Low-Cost, High-Speed Rail-to-Rail Amplifiers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com