Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSB41AB3 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TSB41AB3
Description  IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER / ARBITER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TSB41AB3 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TSB41AB3 Datasheet HTML 5Page - Texas Instruments TSB41AB3 Datasheet HTML 6Page - Texas Instruments TSB41AB3 Datasheet HTML 7Page - Texas Instruments TSB41AB3 Datasheet HTML 8Page - Texas Instruments TSB41AB3 Datasheet HTML 9Page - Texas Instruments TSB41AB3 Datasheet HTML 10Page - Texas Instruments TSB41AB3 Datasheet HTML 11Page - Texas Instruments TSB41AB3 Datasheet HTML 12Page - Texas Instruments TSB41AB3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
TSB41AB3
IEEE 1394a2000 THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS418I − JUNE 2000 − REVISED DECEMBER 2004
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
TYPE
NO.
I/O
DESCRIPTION
SM
CMOS
33
I
Test control input. This input is used in the manufacturing test of the TSB41AB3. For normal use
this terminal is tied to GND.
SYSCLK
CMOS
2
O
System clock output. Provides a 49.152-MHz clock signal, synchronized with data transfers, to
the LLC.
TESTM
CMOS
31
I
Test control input. This input is used in the manufacturing test of the TSB41AB3. For normal use
this terminal is tied to VDD through a 1-kΩ resistor.
TPA0+
TPA1+
TPA2+
Cable
45
52
58
I/O
Twisted-pair cable A differential-signal terminals. Board traces from each pair of positive and
negative differential signal terminals must be kept matched and as short as possible to the
TPA0−
TPA1−
TPA2−
Cable
44
51
57
I/O
negative differential signal terminals must be kept matched and as short as possible to the
external load resistors and to the cable connector. For an unused port, TPA+ and TPA− can be left
open.
TPB0+
TPB1+
TPB2+
Cable
43
50
56
I/O
Twisted-pair cable B differential-signal terminals. Board traces from each pair of positive and
negative differential signal terminals should be kept matched and as short as possible to the
external load resistors and to the cable connector. For each unused port, TPB+ and TPB−
TPB0−
TPB1−
TPB2−
Cable
42
49
55
I/O
external load resistors and to the cable connector. For each unused port, TPB+ and TPB−
terminals can be tied together and then connected to ground through a 1-k
Ω resistor or the TPB+
and TPB− terminals can be connected to the suggested termination network.
TPBIAS0
TPBIAS1
TPBIAS2
Cable
46
53
59
I/O
Twisted-pair bias output. This provides the 1.86-V nominal bias voltage needed for proper
operation of the twisted-pair cable drivers and receivers and for signaling to the remote nodes that
there is an active cable connection. Each of these terminals, except for an unused port, must be
decoupled with a 1.0-
µF capacitor to ground. For the unused port, this terminal can be left
unconnected.
VDD-5V
Supply
9
5-V VDD terminal. This terminal must be connected to the LLC VDD supply when a 5-V LLC is
used, and connected to the PHY DVDD when a 3-V LLC is used. A combination of high-frequency
decoupling capacitors near this terminal is suggested, such as paralleled 0.1
µF and 0.001 µF.
When this terminal is tied to a 5-V supply, all terminal bus holders are disabled, regardless of the
state of the ISO terminal. When this terminal is tied to a 3-V supply, bus holders are enabled when
the ISO terminal is high.
XI
XO
Crystal
76
77
Crystal oscillator inputs. These terminals connect to a 24.576-MHz parallel resonant fundamental
mode crystal. The optimum values for the external shunt capacitors are dependent on the
specifications of the crystal used (see crystal selection in the Applications Information section).
When an external clock source is used, XI should be the input and XO should be left open, and the
clock must be supplied before the device is taken out of reset.
NOTE: It is strongly recommended that signals tied to VDD use a 1-kΩ resistor (minimum). Tying signals directly to VCC may result in ESD failures.
Signals tied to ground may be tied directly.


Numéro de pièce similaire - TSB41AB3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB41AB3 TI1-TSB41AB3 Datasheet
846Kb / 55P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3-EP TI-TSB41AB3-EP Datasheet
729Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3-EP TI1-TSB41AB3-EP Datasheet
859Kb / 56P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3-EP TI1-TSB41AB3-EP Datasheet
808Kb / 55P
[Old version datasheet]   IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3-EP TI1-TSB41AB3-EP_14 Datasheet
859Kb / 56P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
More results

Description similaire - TSB41AB3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB41AB3-EP TI1-TSB41AB3-EP_16 Datasheet
808Kb / 55P
[Old version datasheet]   IEEE 1394a-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB3-EP TI-TSB41AB3-EP Datasheet
729Kb / 52P
[Old version datasheet]   IEEE 1394A-2000 THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03A TI1-TSB41LV03A_14 Datasheet
271Kb / 11P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV03A TI-TSB41LV03A Datasheet
638Kb / 50P
[Old version datasheet]   IEEE 1394a THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_19 Datasheet
1Mb / 72P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI1-TSB41AB1_14 Datasheet
1Mb / 71P
[Old version datasheet]   IEEE 1394a-2000 ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB2 TI1-TSB41AB2_14 Datasheet
1Mb / 55P
[Old version datasheet]   IEEE 1394a-2000 TWO-PORT CABLE TRANSCEIVER/ARBITER
TSB41AB1 TI-TSB41AB1 Datasheet
1Mb / 60P
[Old version datasheet]   IEEE 1394A 2000 ONE PORT CABLE TRANSCEIVER/ARBITER
TSB41LV01 TI-TSB41LV01 Datasheet
615Kb / 49P
[Old version datasheet]   IEEE 1394A ONE-PORT CABLE TRANSCEIVER/ARBITER
TSB41LV04A TI-TSB41LV04A Datasheet
625Kb / 49P
[Old version datasheet]   IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com