Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8000YRDZ-REEL Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD8000YRDZ-REEL
Description  1.5 GHz Ultrahigh Speed Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8000YRDZ-REEL Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD8000YRDZ-REEL Datasheet HTML 5Page - Analog Devices AD8000YRDZ-REEL Datasheet HTML 6Page - Analog Devices AD8000YRDZ-REEL Datasheet HTML 7Page - Analog Devices AD8000YRDZ-REEL Datasheet HTML 8Page - Analog Devices AD8000YRDZ-REEL Datasheet HTML 9Page - Analog Devices AD8000YRDZ-REEL Datasheet HTML 10Page - Analog Devices AD8000YRDZ-REEL Datasheet HTML 11Page - Analog Devices AD8000YRDZ-REEL Datasheet HTML 12Page - Analog Devices AD8000YRDZ-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8000
Rev. 0 | Page 9 of 20
FREQUENCY (MHz)
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
1
10
100
VS = 5V
VOUT = 2V p-p
G = +2
RL = 150Ω
LFCSP
SECOND HD
THIRD HD
Figure 23. Harmonic Distortion vs. Frequency
–100
–90
–80
–70
–60
–50
–40
–30
–20
FREQUENCY (MHz)
1
10
100
VS = 5V
VOUT = 2V p-p
G = +2
RL = 1kΩ
LFCSP
SECOND HD
THIRD HD
Figure 24. Harmonic Distortion vs. Frequency
FREQUENCY (MHz)
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
1
10
100
VS = ±5V
VOUT = 2V p-p
G = +2
RL = 1kΩ
LFCSP
SECOND HD
THIRD HD
Figure 25. Harmonic Distortion vs. Frequency
FREQUENCY (MHz)
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
1
10
100
SECOND HD
THIRD HD
VS = ±2.5V
VOUT = 2V p-p
G = –1
RL = 150Ω
LFCSP
Figure 26. Harmonic Distortion vs. Frequency
FREQUENCY (MHz)
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
1
10
100
SECOND HD
THIRD HD
VS = 5V
VOUT = 2V p-p
G = –1
RL = 1kΩ
LFCSP
Figure 27. Harmonic Distortion vs. Frequency
–110
–100
–90
–80
–70
–60
–50
–40
FREQUENCY (MHz)
1
10
100
VS = ±5V
VOUT = 2V p-p
G = –1
RL = 150Ω
LFCSP
SECOND HD
THIRD HD
Figure 28. Harmonic Distortion vs. Frequency


Numéro de pièce similaire - AD8000YRDZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8000 AD-AD8000_15 Datasheet
611Kb / 21P
   1.5 GHz Ultrahigh Speed Op Amp
REV. B
More results

Description similaire - AD8000YRDZ-REEL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8000 AD-AD8000_15 Datasheet
611Kb / 21P
   1.5 GHz Ultrahigh Speed Op Amp
REV. B
AD8003 AD-AD8003_16 Datasheet
782Kb / 17P
   Triple, 1.5 GHz Op Amp
AD8003 AD-AD8003 Datasheet
684Kb / 16P
   Triple, 1.5 GHz Op Amp
Rev. A
AD8003 AD-AD8003_15 Datasheet
947Kb / 17P
   Triple, 1.5 GHz Op Amp
REV. C
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK1461 MSK-MSK1461 Datasheet
302Kb / 5P
   HIGH SPEED/VOLTAGE OP AMP
logo
National Semiconductor ...
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
logo
Maxim Integrated Produc...
MAX477 MAXIM-MAX477 Datasheet
178Kb / 12P
   300MHz High-Speed Op Amp
Rev 2; 5/97
logo
Texas Instruments
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com