Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7829-1 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD7829-1
Description  3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7829-1 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD7829-1 Datasheet HTML 3Page - Analog Devices AD7829-1 Datasheet HTML 4Page - Analog Devices AD7829-1 Datasheet HTML 5Page - Analog Devices AD7829-1 Datasheet HTML 6Page - Analog Devices AD7829-1 Datasheet HTML 7Page - Analog Devices AD7829-1 Datasheet HTML 8Page - Analog Devices AD7829-1 Datasheet HTML 9Page - Analog Devices AD7829-1 Datasheet HTML 10Page - Analog Devices AD7829-1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD7829-1
Rev. 0 | Page 7 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
DB2 1
DB1 2
DB0 3
CONVST 4
DB3
28
DB4
27
DB5
26
DB6
25
CS 5
DB7
24
RD 6
AGND
23
DGND 7
VDD
22
EOC 8
VREF IN/OUT
21
A2 9
VMID
20
A1 10
VIN1
19
A0 11
VIN2
18
VIN8 12
VIN3
17
VIN7 13
VIN4
16
VIN6 14
VIN5
15
AD7829-1
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
12 to 19
VIN8 to VIN1
Analog Input Channels. The AD7829-1 has eight analog input channels. The inputs have an input span of 2.5 V
and 2 V, depending on the supply voltage (VDD). This span can be centered anywhere in the range AGND to VDD
using the VMID pin. The default input range (VMID unconnected) is AGND to 2 V (VDD = 3 V ± 10%) or AGND to 2.5 V
(VDD = 5 V ± 10%). See the Analog Input section of the data sheet for more information.
22
VDD
Positive Supply Voltage, 3 V ± 10% and 5 V ± 10%.
23
AGND
Analog Ground. Ground reference for track/hold, comparators, reference circuit, and multiplexer.
7
DGND
Digital Ground. Ground reference for digital circuitry.
4
CONVST
Logic Input Signal. The convert start signal initiates an 8-bit analog-to-digital conversion on the falling edge
of this signal. The falling edge of this signal places the track/hold in hold mode. The track/hold goes into track
mode again 120 ns after the start of a conversion. The state of the CONVST signal is checked at the end of a
conversion. If it is logic low, the AD7829-1 powers down (see the Operating Modes section).
8
EOC
Logic Output. The end of conversion signal indicates when a conversion has finished. The signal can be used
to interrupt a microcontroller when a conversion has finished or latch data into a gate array (see the Parallel
Interface section).
5
CS
Logic Input Signal. The chip select signal is used to enable the parallel port of the AD7829. This is necessary
if the ADC is sharing a common data bus with another device.
6
RD
Logic Input Signal. The read signal is used to take the output buffers out of their high impedance state and drive
data onto the data bus. The signal is internally gated with the CS signal. Both RD and CS must be logic low to
enable the data bus.
9 to 11
A2 to A0
Channel Address Inputs. The address of the next multiplexer channel must be present on these inputs when
the RD signal goes low.
1 to 3,
24 to 28
DB2 to DB0,
DB7 to DB3
Data Output Lines. They are normally held in a high impedance state. Data is driven onto the data bus when
both RD and CS go active low.
21
VREF IN/OUT
Analog Input and Output. An external reference can be connected to the AD7829-1 at this pin. The on-chip
reference is also available at this pin. When using the internal reference, this pin can be left unconnected or,
in some cases, it can be decoupled to AGND with a 0.1 μF capacitor.
20
VMID
The VMID pin, if connected, is used to center the analog input span anywhere in the range of AGND to VDD
(see the Analog Input section).


Numéro de pièce similaire - AD7829-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7829-1 AD-AD7829-1 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
More results

Description similaire - AD7829-1

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7827BRZ AD-AD7827BRZ Datasheet
111Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial InterfaceSampling ADC
REV. 0
AD7822 AD-AD7822_06 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822 Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7827 AD-AD7827 Datasheet
185Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com