Moteur de recherche de fiches techniques de composants électroniques |
|
HFBR-4531 Fiches technique(PDF) 4 Page - Agilent(Hewlett-Packard) |
|
HFBR-4531 Fiches technique(HTML) 4 Page - Agilent(Hewlett-Packard) |
4 / 6 page 4 Connector Mechanical Characteristics Parameter Part Number Symbol Min. Typ. Units Temp ( °C) Retention Force to HFBR-0501 Series HFBR-4531 FR-C 3 8 N +25 HFBR-4532 47 80 Retention Force to HFBR-0508 Series HFBR-4531 8 12 Tensile Force, Connector to Cable HFBR-4531 FT 40 50 -40 to +85 HFBR-4532 Notes: 1. Storage and operating temperatures refer to the ranges over which the connectors can be used when not subjected to mechanical stress. Installation temperature refers to the ranges over which connectors may be installed onto the fiber and over which connectors can be connected and disconnected from the transmitter and receiver modules. HFBR-4531/4532 Absolute Maximum Ratings Parameter Symbol Min. Max. Unit Note Storage Temperature TS -40 85 °C1 Operating Temperature TO -40 85 °C1 Installation Temperature TI 070 °C1 Mechanical Dimensions All dimensions are in inches and (millimeters) HFBR-4531 (Nonlatching): |
Numéro de pièce similaire - HFBR-4531 |
|
Description similaire - HFBR-4531 |