Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLS2933-100 Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce BLS2933-100
Description  Microwave power LDMOS transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLS2933-100 Fiches technique(HTML) 2 Page - NXP Semiconductors

  BLS2933-100 Datasheet HTML 1Page - NXP Semiconductors BLS2933-100 Datasheet HTML 2Page - NXP Semiconductors BLS2933-100 Datasheet HTML 3Page - NXP Semiconductors BLS2933-100 Datasheet HTML 4Page - NXP Semiconductors BLS2933-100 Datasheet HTML 5Page - NXP Semiconductors BLS2933-100 Datasheet HTML 6Page - NXP Semiconductors BLS2933-100 Datasheet HTML 7Page - NXP Semiconductors BLS2933-100 Datasheet HTML 8Page - NXP Semiconductors BLS2933-100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BLS2933-100_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 1 August 2006
2 of 12
Philips Semiconductors
BLS2933-100
Microwave power LDMOS transistor
2.
Pinning information
[1]
connected to flange
3.
Ordering information
4.
Limiting values
5.
Thermal characteristics
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1
drain
2
gate
3
source
[1]
3
2
1
sym112
1
3
2
Table 3.
Ordering information
Type number
Package
Name
Description
Version
BLS2933-100
-
flanged LDMOST ceramic package; 2 mounting
holes; 2 leads
SOT502A
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
65
V
VGS
gate-source voltage
-
15
V
ID
drain current
-
12
A
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
200
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Zth(j-h)
transient thermal impedance from
junction to heatsink
Th = 25 °C;
tp = 200 µs; δ =12%
0.4
K/W


Numéro de pièce similaire - BLS2933-100

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BLS2933-100 NXP-BLS2933-100 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Description similaire - BLS2933-100

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com