Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BLC6G20-75 Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce BLC6G20-75
Description  UHF power LDMOS transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLC6G20-75 Fiches technique(HTML) 1 Page - NXP Semiconductors

  BLC6G20-75 Datasheet HTML 1Page - NXP Semiconductors BLC6G20-75 Datasheet HTML 2Page - NXP Semiconductors BLC6G20-75 Datasheet HTML 3Page - NXP Semiconductors BLC6G20-75 Datasheet HTML 4Page - NXP Semiconductors BLC6G20-75 Datasheet HTML 5Page - NXP Semiconductors BLC6G20-75 Datasheet HTML 6Page - NXP Semiconductors BLC6G20-75 Datasheet HTML 7Page - NXP Semiconductors BLC6G20-75 Datasheet HTML 8Page - NXP Semiconductors BLC6G20-75 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1.
Product profile
1.1 General description
75 W LDMOS power transistor for base station applications at frequencies from
1800 MHz to 2000 MHz.
1.2 Features
s Typical GSM EDGE performance at frequencies of 1930 MHz and 1990 MHz, a supply
voltage of 28 V and an IDq of 550 mA:
x Output power = 29.5 W (AV)
x Gain=19dB
x Efficiency = 38.5 %
x ACPR400 = −62.5 dBc
x ACPR600 = −72 dBc
x EVMrms = 1.5 %
s Easy power control
s Integrated ESD protection
s Excellent ruggedness
s High efficiency
s Excellent thermal stability
s Designed for broadband operation (1800 MHz to 2000 MHz)
s Internally matched for ease of use
BLC6G20-75; BLC6G20LS-75
UHF power LDMOS transistor
Rev. 01 — 30 January 2006
Objective data sheet
Table 1:
Typical performance
RF performance at Tcase = 25 °C in a common source class-AB production test circuit.
Mode of operation
f
VDS PL(AV) Gp
η
D
ACPR400 ACPR600 EVMrms
(MHz)
(V)
(W)
(dB)
(%)
(dBc)
(dBc)
(%)
CW
1930 to 1990
28
63
19
52
-
-
-
GSM EDGE
1930 to 1990
28
29.5
19
38.5
−62.5
−72
1.5
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Therefore care should be taken
during transport and handling.


Numéro de pièce similaire - BLC6G20-75

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BLC6G20-110 PHILIPS-BLC6G20-110 Datasheet
52Kb / 9P
   UHF power LDMOS transistor
Rev. 01-30 January 2006
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
More results

Description similaire - BLC6G20-75

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
   UHF power LDMOS transistor
logo
NXP Semiconductors
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
   UHF power LDMOS transistor
Rev. 3-7 December 2010
BLF3G21-6 NXP-BLF3G21-6 Datasheet
103Kb / 12P
   UHF power LDMOS transistor
Rev. 01-25 June 2008
BLF4G20LS-130 NXP-BLF4G20LS-130 Datasheet
85Kb / 11P
   UHF power LDMOS transistor
Rev. 01-1 June 2007
BLF4G22-130 NXP-BLF4G22-130 Datasheet
91Kb / 13P
   UHF power LDMOS transistor
Rev. 01-3 July 2007
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
   UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF647 PHILIPS-BLF647 Datasheet
127Kb / 16P
   UHF power LDMOS transistor
2001 Nov 27
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
   UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
   UHF power LDMOS transistor
1999 Dec 06
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
   UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
   UHF power LDMOS transistor
Rev. 01-20 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com