Moteur de recherche de fiches techniques de composants électroniques |
|
74HCT2G17GW Fiches technique(PDF) 5 Page - NXP Semiconductors |
|
74HCT2G17GW Fiches technique(HTML) 5 Page - NXP Semiconductors |
5 / 18 page 74HC_HCT2G17_1 © NXP B.V. 2006. All rights reserved. Product data sheet Rev. 01 — 6 October 2006 5 of 18 NXP Semiconductors 74HC2G17; 74HCT2G17 Dual non-inverting Schmitt trigger VOL LOW-level output voltage VI = VIH or VIL IO = 20 µA; VCC = 2.0 V - 0 0.1 V IO = 20 µA; VCC = 4.5 V - 0 0.1 V IO = 20 µA; VCC = 6.0 V - 0 0.1 V IO = 4.0 mA; VCC = 4.5 V - 0.15 0.26 V IO = 5.2 mA; VCC = 6.0 V - 0.16 0.26 V II input leakage current VI = GND or VCC; VCC = 6.0 V - - ±0.1 µA ICC supply current VI = GND or VCC; IO = 0 A; VCC = 6.0 V - - 1.0 µA CI input capacitance - 2.0 - pF Tamb = −40 °C to +85 °C VOH HIGH-level output voltage VI = VIH or VIL IO = −20 µA; VCC = 2.0 V 1.9 - - V IO = −20 µA; VCC = 4.5 V 4.4 - - V IO = −20 µA; VCC = 6.0 V 5.9 - - V IO = −4.0 mA; VCC = 4.5 V 4.13 - - V IO = −5.2 mA; VCC = 6.0 V 5.63 - - V VOL LOW-level output voltage VI = VIH or VIL IO = 20 µA; VCC = 2.0 V - - 0.1 V IO = 20 µA; VCC = 4.5 V - - 0.1 V IO = 20 µA; VCC = 6.0 V - - 0.1 V IO = 4.0 mA; VCC = 4.5 V - - 0.33 V IO = 5.2 mA; VCC = 6.0 V - - 0.33 V II input leakage current VI = GND or VCC; VCC = 6.0 V - - ±1.0 µA ICC supply current VI = GND or VCC; IO = 0 A; VCC = 6.0 V - - 10.0 µA Tamb = −40 °C to +125 °C VOH HIGH-level output voltage VI = VIH or VIL IO = −20 µA; VCC = 2.0 V 1.9 - - V IO = −20 µA; VCC = 4.5 V 4.4 - - V IO = −20 µA; VCC = 6.0 V 5.9 - - V IO = −4.0 mA; VCC = 4.5 V 3.7 - - V IO = −5.2 mA; VCC = 6.0 V 5.2 - - V Table 7. Static characteristics for 74HC2G17 …continued At recommended operating conditions; voltages are referenced to GND (ground = 0 V). Symbol Parameter Conditions Min Typ Max Unit |
Numéro de pièce similaire - 74HCT2G17GW |
|
Description similaire - 74HCT2G17GW |