Moteur de recherche de fiches techniques de composants électroniques |
|
74AUP2G80GT Fiches technique(PDF) 11 Page - NXP Semiconductors |
|
74AUP2G80GT Fiches technique(HTML) 11 Page - NXP Semiconductors |
11 / 18 page 74AUP2G80_1 © Koninklijke Philips Electronics N.V. 2006. All rights reserved. Product data sheet Rev. 01 — 25 August 2006 11 of 18 Philips Semiconductors 74AUP2G80 Low-power dual D-type flip-flop; positive-edge trigger 12. Waveforms Measurement points are given in Table 9. Logic levels: VOL and VOH are typical output voltage drop that occur with the output load. Fig 7. The clock input (nCP) to output (nQ) propagation delays 001aaf311 nCP input nQ output tPLH tPHL VM VM VOH VI GND nD input VI GND VOL VM VM Measurement points are given in Table 9. Logic levels: VOL and VOH are typical output voltage drop that occur with the output load. Fig 8. The clock input (nCP) to output (nQ) propagation delays, clock pulse width, nD to nCP setup and hold times and the nCP maximum frequency 001aaf312 th tsu(L) th tPLH tW tPHL tsu(H) 1/fmax VM VM VM VI GND VI GND nCP input nD input VOH VOL nQ output Table 9. Measurement points Supply voltage Output Input VCC VM VM VI tr = tf 0.8 V to 3.6 V 0.5 × V CC 0.5 × V CC VCC ≤ 3.0 ns |
Numéro de pièce similaire - 74AUP2G80GT |
|
Description similaire - 74AUP2G80GT |