Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTV212A24 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce MTV212A24
Description  8051 Embedded Monitor Controller Flash Type with ISP
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

MTV212A24 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  MTV212A24 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV212A24 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV212A24 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV212A24 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV212A24 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV212A24 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV212A24 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV212A24 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV212A24 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
MYSON
TECHNOLOGY
MTV212M32
(Rev 1.1)
Revision 1.1
- 5 -
2000/07/04
PIN CONFIGURATION
A “CMOS output pin” means it can sink and drive at least 4mA current. It’s not recommended to use such pin
as input fuction.
A “5V open drain pin” means it can sink at least 4mA current but only drive 10~20uA to VDD. It can be used
as input or output function and need an external pull up resistor.
A “8051 standard pin” is a pseudo open drain pin. It can sink at least 4mA current when output low level, and
drive at least 4mA current for 160nS when output transit from low to high, then keep drive 100uA to maintain
the pin at high level. It can be used as input or output function. It need an external pull up resistor when drive
heavy load device.
8051 Standard Pin
4mA
4mA
Output
Data
Pin
CMOS Output Pin
5V Open Drain Pin
2 OSC
period
delay
4mA
10uA
Output
Data
120uA
Pin
4mA
Input
Data
No Current
4mA
Output
Data
Pin
Input
Data


Numéro de pièce similaire - MTV212A24

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MTV212A24 ETC2-MTV212A24 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
More results

Description similaire - MTV212A24

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312MN64 ETC1-MTV312MN64 Datasheet
209Kb / 27P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com