Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74F574 Fiches technique(PDF) 2 Page - Motorola, Inc

No de pièce MC74F574
Description  OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74F574 Fiches technique(HTML) 2 Page - Motorola, Inc

  MC74F574 Datasheet HTML 1Page - Motorola, Inc MC74F574 Datasheet HTML 2Page - Motorola, Inc MC74F574 Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
4-227
FAST AND LS TTL DATA
MC74F574
FUNCTION TABLE
Inputs
Internal
Register
Outputs
Operating Mode
OE
CP
Dn
Internal
Register
Q0–Q7
Operating Mode
L
L
l
h
L
H
L
H
Load and read register
L
X
NC
NC
Hold
H
H
X
Dn
X
Dn
X
Z
Z
Disable outputs
H = HIGH voltage level
h = HIGH voltage level one set-up time prior to the Low-to-High clock transition
L = LOW voltage level
l = LOW voltage level one set-up time prior to the Low-to-High clock transition
NC = No change
X = Don’t care
Z = High impedance “off” state
= Low-to-High clock transition
= Not a Low-to-High clock transition
FUNCTIONAL DESCRIPTION
The MC74F574 consists of eight edge-triggered flip-flops
with individual D-type inputs and 3-state true outputs. The
buffered clock and buffered Output Enable are common to all
flip-flops. The eight flip-flops will store the state of their individ-
ual D inputs that meet the setup and hold times requirements
on the LOW-to-HIGH Clock (CP) transition. With the Output
Enable (OE) LOW, the contents of the eight flip-flops are avail-
able at the outputs. When the OE is HIGH, the outputs go to
the high impedance state. Operation of the OE input does not
affect the state of the flip-flops.
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Symbol
Parameter
Limits
Unit
Test Conditions
(Note 1)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
(Note 1)
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage
VIK
Input Clamp Diode Voltage
– 1.2
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
2.4
V
IOH = – 3.0 mA
VCC = MIN
VOH
Output HIGH Voltage
2.7
V
IOH = – 3.0 mA
VCC = 4.75 V
VOL
Output LOW Voltage
0.5
V
IOL = 24 mA
VCC = MIN
IIH
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
100
µA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
– 0.6
mA
VCC = MAX, VIN = 0.5 V
IOZH
Output Off Current — HIGH
50
µA
VCC = MAX, VOUT = 2.7 V
IOZL
Output Off Current — LOW
–50
µA
VCC = MAX, VOUT = 0.5 V
IOS
Output Short Circuit Current (Note 2)
– 60
–150
mA
VCC = MAX, VOUT = 0 V
ICCZ
Power Supply Current
(All Outputs OFF)
55
86
mA
VCC = MAX
Dn – GND;
OE = 4.5 V
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable device type.
2. Not more than one output should be shorted at a time, nor for more than 1 second.


Html Pages

1  2  3