Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74F574 Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MC74F574
Description  OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74F574 Fiches technique(HTML) 3 Page - Motorola, Inc

  MC74F574 Datasheet HTML 1Page - Motorola, Inc MC74F574 Datasheet HTML 2Page - Motorola, Inc MC74F574 Datasheet HTML 3Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4-228
FAST AND LS TTL DATA
MC74F574
CP
D
Q
Q
D0
D1
D2
D3
D4
D5
D6
D7
O0
O1
O2
O3
O4
O5
O6
O7
CP
OE
LOGIC DIAGRAM
CP
D
Q
Q
CP
D
Q
Q
CP
D
Q
Q
CP
D
Q
Q
CP
D
Q
Q
CP
D
Q
Q
CP
D
Q
Q
AC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
54 / 74F
74F
Unit
Symbol
Parameter
TA = + 25°C
VCC = + 5.0 V
CL = 50 pF
TA = 0°C to + 70°C
VCC = +5.0 V ± 10%
CL = 50 pF
Unit
Symbol
Parameter
Min
Typ
Max
Min
Max
Unit
fMAX
Maximum Clock Frequency
100
70
MHz
tPLH
tPHL
Propagation Delay
CP to On
2.5
2.5
8.5
8.5
2.5
2.5
8.5
8.5
ns
tPZH
tPZL
Output Enable Time
3.0
3.0
9.0
9.0
2.5
2.5
10.0
10.0
ns
tPHZ
tPLZ
Output Disable Time
1.5
1.0
5.5
5.5
1.5
1.0
6.5
6.5
ns
AC OPERATING CHARACTERISTICS
Symbol
Parameter
54 / 74F
74F
Unit
Symbol
Parameter
TA = + 25°C
VCC = + 5.0 V
CL = 50 pF
TA = 0°C to + 70°C
VCC = +5.0 V ± 10%
CL = 50 pF
Unit
Symbol
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
ts(H)
ts(L)
Setup Time, HIGH or LOW
Dn to CP
2.5
2.0
2.5
3.0
ns
th(H)
th(L)
Hold Time, HIGH to LOW
Dn to CP
2.0
2.0
2.0
2.0
ns
tw(H)
tw(L)
CP Pulse Width
HIGH or LOW
5.0
5.0
5.0
5.0
ns


Html Pages

1  2  3