Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FBI4A7M1 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce FBI4A7M1
Description  4 Amp. Glass Passivated Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

FBI4A7M1 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  FBI4A7M1 Datasheet HTML 1Page - List of Unclassifed Manufacturers FBI4A7M1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FBI4A
7M1
50
35
FBI4B
7M1
100
70
FBI4D
7M1
200
140
FBI4G
7M1
400
280
FBI4J
7M1
600
420
FBI4K
7M1
800
560
FBI4M
7M1
1000
700
• Mounting Instructions
• High temperature soldering guaranteed: 260 ºC – 10 sc.
• Recommended mounting torque: 8 Kg.cm.
FBI4A7M1.......FBI4M7M1
4 Amp. Glass Passivated Bridge Rectifier
Dimensions in mm.
Maximum Ratings, according to IEC publication No. 134
Peak recurrent reverse voltage (V)
Maximum RMS voltage (V)
Max. average Forward current with heatsink
without heatsink
10 ms. peak forward surge current (Jedec Method)
Current squared time (rating for fusing)
(1ms.<t<10ms. Tc = 25ºC)
Dielectric strength (terminals to case, AC 1 min.)
Operating temperature range
Storage temperature range
VDIS
T
j
T
stg
4.0 A at 100 ºC
3.0 A at 40 ºC
150 A
2000 V
– 55 to + 150 °C
– 55 to +150 ºC
Electrical Characteristics at Tamb = 25°C
V
F
Max. forward voltage drop per diode at I
F = 2.0 A
I
R
0.95 V
Max. reverse current atV
RRM
Voltage
50 to 1000 V.
Current
4.0 A.
Plastic
Case
®
5 A
I
2t
IFSM
I
F(AV)
VRRM
VRMS
110 A
2
sec
MAXIMUM THERMAL RESISTANCE
Junction-Case. With Heatsink.
Junction-Ambient. Without Heatsink.
5 ºC/W
22 ºC/W
R
th (j-c)
R
th (j-a)
25
3.2
7.5
7.5
1
0.7
3.5
1
+ 0.05
+
_
7.5
L
suffix
17.5
8
–4
• Glass Passivated Junction Chips.
• UL recognized under component index file
number E130180.
• Lead and polarity identifications.
• Case: Molded Plastic.
• Ideal for printed circuit board (P.C.B.).
• High surge current capability.
• The plastic material carries U/L recognition 94 V-O.
Jan - 00


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn