Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FBI4A7M1 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce FBI4A7M1
Description  4 Amp. Glass Passivated Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

FBI4A7M1 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  FBI4A7M1 Datasheet HTML 1Page - List of Unclassifed Manufacturers FBI4A7M1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
Number of cycles at 50 Hz.
10
100
0
50
100
150
200
1
V
F
, instantaneous forward voltage (V)
0.6
1.0
1.4
0
0.1
1.0
10
Tamb = 25° C
Characteristic Curves
FBI4 - 7M1
TYPICAL FORWARD CHARACTERISTIC
1
3
4
Tamb, ambient temperature (°C)
2
0
50
100
150 175
0
125
25
75
FORWARD CURRENT DERATING CURVE
heatsink
Tc
Tc
sine wave
R-load
on heatsink
+
_
on glass-epoxi substrate
P.C.B.
soldering land 5 mm ø
sine wave
R-load
free in air
Jan - 00
+
_


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn