Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ECN3053F Fiches technique(PDF) 3 Page - Hitachi Semiconductor

No de pièce ECN3053F
Description  Single chip driver IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

ECN3053F Fiches technique(HTML) 3 Page - Hitachi Semiconductor

  ECN3053F Datasheet HTML 1Page - Hitachi Semiconductor ECN3053F Datasheet HTML 2Page - Hitachi Semiconductor ECN3053F Datasheet HTML 3Page - Hitachi Semiconductor ECN3053F Datasheet HTML 4Page - Hitachi Semiconductor ECN3053F Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P3/5
3. Electrical Characteristics
Unless otherwise noted, Ta=25 C, Vu,v,w to GL1=374V,Vcc=15V.(suffix T=top, B=bottom arm)
No
ITEMS
SYMBOLS
UNIT
MIN.
TYP.
MAX. CONDITIONS
1 Stand-by current
Is1
mA
-
6.5
10
Vin=H or L , Between Vcc-GL1
Is2
µA
-15
30
Between Vcu-U,Vcv-V,Vcw-W 15V,
Vin=H or L
2Input Voltage (Output is L)
VIH
V
3.5
-
-
Input=H or L
Input Voltage (Output is H)
VIL
V
-
-
1.5
3 Output Source Current
Io+
A
0.2
0.25
-
Vcu-PGU,Vcv-PGV, Vcw-PGW =15V,
Vcc-NGU,V,W =15V PW<10
µs
4 Output Sink Current
Io-
A
0.4
0.5
-
PGU-U,PGV-V, PGW-W =15V,
NGU,V,W -GL2=15V
PW<10
µs
5 High level Output Voltage
VOH
mV
-
-
100
Vcu,v,w-PGU,V, W & Vcc-NGU,V,W
Vin=0, Io=0
6 Low level Output Voltage
VOL
mV
-
-
100
PGU,V, W-U,V,W & NGU,V,W -GL2
Vin=5V,Io=0
7 Leakage Current at HV terminal
IL
µΑ
-
-
50
Vcu,v,w=U,V,W=600V
8 Input Current
IIL
µΑ
-200
-
-
Vin=0V
Internal Pull up R=200k
9 Input Current
IIH
µΑ
-120
-
-
Vin=5V
Internal Pull up R=200k
10 Vcc Under voltageNegative Going
Vuvb
V
9.5
10.5
11.6
Reset Hysterisis
Vrhb
V
0.1
0.4
0.9
11 Vcu,v,w Under VoltageNegative Going
Vuvt
V
8.9
10.5
12.1
Reset Hysterisis
Vrht
V
0.1
0.4
0.9
12 OC Input Positive Going threshold
Voc
V
0.44
0.49
0.54
13 Fault Output On Resistance
Ronf
-
300
400
F-GL1=0.5V
14 Turn On Delay Time
ton
µs
-
0.8
1.5
CL=1000pF RL=0
15 Turn Off Delay Time
toff
µs
-
0.5
1.2
CL=1000pF RL=0
16 OC Output to Output Shutdown Delay
toc
µs
-
0.7
1.7
CL=1000pF RL=0
17 OC to Fault Delay
tflt
µs
-
0.6
1.6
CL=1000pF RL=0
18 Fault Reset Delay Time
tflrs
µs
6.5
10
20
CL=1000pF RL=0
19 Fault Output terminal Voltage
Vflt
V
-0.5
-
Vcc+0.5
20 Fault Output Sink Current
Iflt
mA
4
-
-
V(F&GL)=2V
21 VB Output Voltage
VB
V
6.8
7.5
8.2
22 VB Output Current
IB
mA
25
-
-
Delta Vload=0.1V
23 Op-Amp Input Offset Voltage
Vos
mV
-
-
30
GL2=A-=0.2V
24 Op-Amp High Level Output Voltage
VOHa
V
5.0
7.5
-
A-=0V GL2=1V
25 Op-Amp Low Level Output Voltage
VOLa
mV
-
-
20
A-=1V GL2=0V
26 Op-Amp Output Source Current
Isrca
mA
1.0
-
-
A-=0V GL2=1V AO=4V
27 Op-Amp Output Sink Current
Isnka
mA
1.0
-
-
A-=1V GL2=0V AO=2V
Note 1: Vuvb, Vrhb, Vuvt and Vrht are defined and shown in Fig. 1.
Vrh b ,
Vrh t
V u vb,
V uvt
0
V CC,V c*-*(V )
NG * ,
PG* -*
(V )
*;U/V /W
F ig 1 . N e ga tive go in g a n d re se t vo lta ge a n d h y ste risis
fo r th e to p an d b o tto m arm u n d e r vo ltage circ u it
ECN3053F
PDE-3053-1


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn