Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ECN3053F Fiches technique(PDF) 2 Page - Hitachi Semiconductor

No de pièce ECN3053F
Description  Single chip driver IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HITACHI [Hitachi Semiconductor]
Site Internet  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

ECN3053F Fiches technique(HTML) 2 Page - Hitachi Semiconductor

  ECN3053F Datasheet HTML 1Page - Hitachi Semiconductor ECN3053F Datasheet HTML 2Page - Hitachi Semiconductor ECN3053F Datasheet HTML 3Page - Hitachi Semiconductor ECN3053F Datasheet HTML 4Page - Hitachi Semiconductor ECN3053F Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
P2/5
1. General
This specification shall be applied to the following semiconductor integrated circuits.
1) Type
: ECN3053F
2) Application
: 3-phase Brushless Motor, 3-phase Induction Motor
3) Structure
: Monolithic IC
4) Package
: SOP28
2. Maximum Allowable Ratings (Ta=25 C)
No.
ITEMS
SYMBOLS UNIT
VALUES
CONDITIONS
1 Output Device Breakdown
Vbv
V
620
Between Vcu,v,w & GL1
voltage
2 GL2 terminal voltage
Vgl2
V
-5~Vcc
Vcc=18Vmax at GL2=-5V
3 U,V,W terminal Voltage
Vu,v,w
V
-5~600
4 Supply voltage
Vcc
V
20
5 Input voltage
Vin
V
-0.5~Vcc+0.5
6 Operating Junction Temperature
Tjop
C
-20~125
7 Storage Temperature
Tstg
C
-40~150
Note 1 : Thermal resistance Rja
* This figure varies depending on the mounting condition.
ECN3053F
PACKAGE
Single
Mounted
PCB size,Density *
SOP28
121
84
120x21x1.6 (30%)
Unit
mm
C/W
o
o
o
o
C/W
o
PDE-3053-1


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn