Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SRDA05-4R2 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce SRDA05-4R2
Description  Low Capacitance Surface Mount TVS for High−Speed Data Interfaces
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SRDA05-4R2 Fiches technique(HTML) 3 Page - ON Semiconductor

  SRDA05-4R2 Datasheet HTML 1Page - ON Semiconductor SRDA05-4R2 Datasheet HTML 2Page - ON Semiconductor SRDA05-4R2 Datasheet HTML 3Page - ON Semiconductor SRDA05-4R2 Datasheet HTML 4Page - ON Semiconductor SRDA05-4R2 Datasheet HTML 5Page - ON Semiconductor SRDA05-4R2 Datasheet HTML 6Page - ON Semiconductor SRDA05-4R2 Datasheet HTML 7Page - ON Semiconductor SRDA05-4R2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SRDA05−4R2
http://onsemi.com
3
TYPICAL CHARACTERISTICS
−100
0
9
Figure 1. Reverse Breakdown versus
Temperature
−50
T, TEMPERATURE (
°C)
100
200
4
1
0
Figure 2. Reverse Leakage versus
Temperature
8
7
6
5
4
3
2
1
0
−100
−50
50
100
T, TEMPERATURE (
°C)
200
50
150
2
3
8
5
6
7
0
150
Figure 3. 8
× 20 ms Pulse Waveform
100
90
80
70
60
50
40
30
20
10
0
020
40
60
t, TIME (
ms)
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8
ms
PEAK VALUE IRSM @ 8 ms
HALF VALUE IRSM/2 @ 20 ms
80
Figure 4. Clamping Voltage versus Peak Pulse
Current
35
30
25
20
15
10
5
0
020
40
60
IPP, PEAK PULSE CURRENT (A)
80
10
30
50
70
90


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn