Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SRDA05-4R2 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce SRDA05-4R2
Description  Low Capacitance Surface Mount TVS for High−Speed Data Interfaces
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SRDA05-4R2 Fiches technique(HTML) 2 Page - ON Semiconductor

  SRDA05-4R2 Datasheet HTML 1Page - ON Semiconductor SRDA05-4R2 Datasheet HTML 2Page - ON Semiconductor SRDA05-4R2 Datasheet HTML 3Page - ON Semiconductor SRDA05-4R2 Datasheet HTML 4Page - ON Semiconductor SRDA05-4R2 Datasheet HTML 5Page - ON Semiconductor SRDA05-4R2 Datasheet HTML 6Page - ON Semiconductor SRDA05-4R2 Datasheet HTML 7Page - ON Semiconductor SRDA05-4R2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SRDA05−4R2
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage @ It = 1.0 mA
VBR
6.0
V
Reverse Leakage Current @ VRWN = 5.0 Volts
IR
N/A
10
mA
Maximum Clamping Voltage @ IPP = 1.0 A, 8 x 20 mS
VC
N/A
9.8
V
Maximum Clamping Voltage @ IPP = 10 A, 8 x 20 mS
VC
N/A
12
V
Between I/O Pins and Ground @ VR = 0 Volts, 1.0 MHz
Capacitance
10
15
pF
Between I/O Pins @ VR = 0 Volts, 1.0 MHz
Capacitance
5
8
pF
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
UNIDIRECTIONAL (Circuit tied to Pins 1 and 3 or 2 and 3)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
QVBR
Maximum Temperature Coefficient of VBR
IF
Forward Current
VF
Forward Voltage @ IF
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn