Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUS5530MN Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce NUS5530MN
Description  Integrated Power MOSFET with PNP Low VCE(sat) Switching Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUS5530MN Fiches technique(HTML) 3 Page - ON Semiconductor

  NUS5530MN Datasheet HTML 1Page - ON Semiconductor NUS5530MN Datasheet HTML 2Page - ON Semiconductor NUS5530MN Datasheet HTML 3Page - ON Semiconductor NUS5530MN Datasheet HTML 4Page - ON Semiconductor NUS5530MN Datasheet HTML 5Page - ON Semiconductor NUS5530MN Datasheet HTML 6Page - ON Semiconductor NUS5530MN Datasheet HTML 7Page - ON Semiconductor NUS5530MN Datasheet HTML 8Page - ON Semiconductor NUS5530MN Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
NUS5530MN
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS FOR P−CHANNEL FET (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = −250 mA
−0.6
−1.2
V
Gate−Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = −16 V, VGS = 0 V
−1.0
mA
VDS = −16 V, VGS = 0 V,
TJ = 85°C
−5.0
On−State Drain Current (Note 5)
ID(on)
VDS v −5.0 V, VGS = −4.5 V
−20
A
Drain−Source On−State Resistance (Note 5)
rDS(on)
VGS = −3.6 V, ID = −1.0 A
0.050
0.06
W
VGS = −2.5 V, ID = −1.0 A
0.070
0.083
Forward Transconductance (Note 5)
gfs
VDS = −10 V, ID = −3.9 A
12
Mhos
Diode Forward Voltage (Note 5)
VSD
IS = −2.1 A, VGS = 0 V
−0.8
−1.2
V
Dynamic (Note 6)
Total Gate Charge
QG
VDS = −10 V, VGS = −4.5 V,
ID = −3.9 A
9.7
22
nC
Gate−Source Charge
QGS
1.2
Gate−Drain Charge
QGD
3.6
Input Capacitance
Ciss
VDS = −5.0 Vdc, VGS = 0 Vdc,
f = 1.0 MHz
710
pF
Output Capacitance
Coss
400
Reverse Transfer Capacitance
Crss
140
Turn−On Delay Time
td(on)
VDD = −10 V, RL = 10 W
ID ^ −1.0 A, VGEN = −4.5 V,
RG = 6 W
14
30
ns
Rise Time
tr
22
55
Turn−Off Delay Time
td(off)
42
100
Fall Time
tf
35
70
Source−Drain Reverse Recovery Time
trr
IF = −1.1 A, di/dt = 100 A/ms
30
60
4. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.27 in sq [1 oz] including traces).
5. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2%.
6. Guaranteed by design, not subject to production testing.


Numéro de pièce similaire - NUS5530MN

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NUS5531MT ONSEMI-NUS5531MT Datasheet
150Kb / 10P
   Main Switch Power MOSFET and Single Charging BJT
July, 2008 ??Rev. 1
NUS5531MTR2G ONSEMI-NUS5531MTR2G Datasheet
150Kb / 10P
   Main Switch Power MOSFET and Single Charging BJT
July, 2008 ??Rev. 1
More results

Description similaire - NUS5530MN

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
SUM202MN KODENSHI-SUM202MN Datasheet
374Kb / 9P
   Integrated Power MOSFET with PNP Low VCE(sat) Switching Transistor
logo
Taiwan Semiconductor Co...
TSB1184 TSC-TSB1184 Datasheet
45Kb / 3P
   Low Vce(sat) PNP Transistor
logo
Pan Jit International I...
PBHV9110DW PANJIT-PBHV9110DW Datasheet
408Kb / 6P
   PNP Low Vce(sat) Transistor
January 18,2019-REV.00
2SB1429 PANJIT-2SB1429 Datasheet
313Kb / 5P
   PNP Low Vce(sat) Transistor
November 4,2016-REV.00
PBHV9110DW-AU PANJIT-PBHV9110DW-AU Datasheet
408Kb / 6P
   PNP Low Vce(sat) Transistor
January 18,2019-REV.00
logo
Taiwan Semiconductor Co...
TSB1424A TSC-TSB1424A Datasheet
71Kb / 3P
   Low Vce(sat) PNP Transistor
logo
Pan Jit International I...
PBHV9110DH-AU PANJIT-PBHV9110DH-AU Datasheet
404Kb / 6P
   PNP Low Vce(sat) Transistor
January 18,2019-REV.00
logo
Taiwan Semiconductor Co...
TSB772 TSC-TSB772 Datasheet
49Kb / 3P
   Low Vce(sat) PNP Transistor
logo
Pan Jit International I...
2SB1427W6 PANJIT-2SB1427W6 Datasheet
227Kb / 5P
   PNP Low Vce(sat) Transistor
PBHV9110DA-AU PANJIT-PBHV9110DA-AU Datasheet
413Kb / 6P
   PNP Low Vce(sat) Transistor
August 16,2019-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com