Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUP4202W1 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce NUP4202W1
Description  Low Capacitance SC−88 Diode−TVS Array for High Speed Data Lines Protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NUP4202W1 Fiches technique(HTML) 3 Page - ON Semiconductor

  NUP4202W1 Datasheet HTML 1Page - ON Semiconductor NUP4202W1 Datasheet HTML 2Page - ON Semiconductor NUP4202W1 Datasheet HTML 3Page - ON Semiconductor NUP4202W1 Datasheet HTML 4Page - ON Semiconductor NUP4202W1 Datasheet HTML 5Page - ON Semiconductor NUP4202W1 Datasheet HTML 6Page - ON Semiconductor NUP4202W1 Datasheet HTML 7Page - ON Semiconductor NUP4202W1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NUP4202W1
http://onsemi.com
3
APPLICATIONS INFORMATION
The new NUP4202W1 is a low capacitance TVS diode
array designed to protect sensitive electronics such as
communications
systems,
computers,
and
computer
peripherals against damage due to ESD events or transient
overvoltage conditions. Because of its low capacitance, it
can be used in high speed I/O data lines. The integrated
design of the NUP4202W1 offers surge rated, low
capacitance steering diodes and a TVS diode integrated in a
single package (SC−88). If a transient condition occurs, the
steering diodes will drive the transient to the positive rail of
the power supply or to ground. The TVS device protects the
power line against overvoltage conditions to avoid damage
to the power supply and any downstream components.
NUP4202W1 Configuration Options
The NUP4202W1 is able to protect up to four data lines
against transient overvoltage conditions by driving them to
a fixed reference point for clamping purposes. The steering
diodes will be forward biased whenever the voltage on the
protected line exceeds the reference voltage (Vf or Vcc+Vf).
The diodes will force the transient current to bypass the
sensitive circuit.
Data lines are connected at pins 1, 3, 4 and 6. The negative
reference is connected at pin 2. This pin must be connected
directly to ground by using a ground plane to minimize the
PCB’s ground inductance. It is very important to reduce the
PCB trace lengths as much as possible to minimize parasitic
inductances.
Option 1
Protection of four data lines and the power supply using
Vcc as reference.
6
5
4
1
2
3
I/O 1
I/O 2
I/O 3
I/O 4
VCC
For this configuration, connect pin 5 directly to the
positive supply rail (Vcc), the data lines are referenced to the
supply
voltage.
The
internal
TVS
diode
prevents
overvoltage on the supply rail. Biasing of the steering diodes
reduces their capacitance.
Option 2
Protection of four data lines with bias and power supply
isolation resistor.
VCC
10 k
6
5
4
1
2
3
I/O 1
I/O 2
I/O 3
I/O 4
The NUP4202W1 can be isolated from the power supply
by connecting a series resistor between pin 5 and Vcc. A
10 k
W resistor is recommended for this application. This
will maintain a bias on the internal TVS and steering diodes,
reducing their capacitance.
Option 3
Protection of four data lines using the internal TVS diode
as reference.
6
5
4
1
2
3
I/O 1
I/O 2
I/O 3
I/O 4
NC
In applications lacking a positive supply reference or
those cases in which a fully isolated power supply is
required, the internal TVS can be used as the reference. For
these applications, pin 5 is not connected. In this
configuration, the steering diodes will conduct whenever the
voltage on the protected line exceeds the working voltage of
the TVS plus one diode drop (Vc=Vf + VTVS).
ESD Protection of Power Supply Lines
When using diodes for data line protection, referencing to
a supply rail provides advantages.
Biasing the diodes
reduces their capacitance and minimizes signal distortion.
Implementing this topology with discrete devices does have
disadvantages. This configuration is shown below:


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn