Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NTLJS4114N Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce NTLJS4114N
Description  Power MOSFET 30 V, 7.8 A, uCool Single N−Channel, 2x2 mm WDFN Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS4114N Fiches technique(HTML) 3 Page - ON Semiconductor

  NTLJS4114N Datasheet HTML 1Page - ON Semiconductor NTLJS4114N Datasheet HTML 2Page - ON Semiconductor NTLJS4114N Datasheet HTML 3Page - ON Semiconductor NTLJS4114N Datasheet HTML 4Page - ON Semiconductor NTLJS4114N Datasheet HTML 5Page - ON Semiconductor NTLJS4114N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTLJS4114N
http://onsemi.com
3
TYPICAL PERFORMANCE CURVES (TJ = 25°C unless otherwise noted)
1
0.05
3
2
0.03
0.01
0
46
1.6
1.2
1.4
1.0
0.8
0.6
10000
06
2
1
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
0
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
1.0
0.025
2.0
1.5
0.015
0.01
0.005
3.0
Figure 3. On−Resistance versus Drain Current
ID, DRAIN CURRENT (A)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
ID, DRAIN CURRENT (A)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
7
−50
50
25
0
−25
75
125
100
1
212
10
4
3
1
2
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 100°C
VGS = 1.8 V
VGS = 0 V
ID = 2 A
VGS = 4.5 V
3
0.03
TJ = 100°C
TJ = 150°C
2
0
8
1.5
TJ = 25°C
20
VGS = 1.6 V to 8 V
1.5 V
3
4
4
0
4
0.02
0.02
TJ = 25°C
150
1000
100000
2.5
1.4 V
1.3 V
1.2 V
TJ = 25°C
VGS = 4.5 V
TJ = −55°C
TJ = 100°C
0.04
VGS = 4.5 V
VGS = 2.5 V
6
8
14
16
18
2
0.5
2.5
5
5
6
0.5
5
1.5
2.5
3.5
4.5
5.5
6


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn