Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTLJS4114N Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce NTLJS4114N
Description  Power MOSFET 30 V, 7.8 A, uCool Single N?묬hannel, 2x2 mm WDFN Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS4114N Fiches technique(HTML) 6 Page - ON Semiconductor

  NTLJS4114N Datasheet HTML 1Page - ON Semiconductor NTLJS4114N Datasheet HTML 2Page - ON Semiconductor NTLJS4114N Datasheet HTML 3Page - ON Semiconductor NTLJS4114N Datasheet HTML 4Page - ON Semiconductor NTLJS4114N Datasheet HTML 5Page - ON Semiconductor NTLJS4114N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NTLJS4114N
http://onsemi.com
6
PACKAGE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL AND
IS MEASURED BETWEEN 0.15 AND 0.20mm FROM
TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED PAD AS
WELL AS THE TERMINALS.
5. CENTER TERMINAL LEAD IS OPTIONAL. TERMINAL
LEAD IS CONNECTED TO TERMINAL LEAD # 4.
6. PINS 1, 2, 5 AND 6 ARE TIED TO THE FLAG.
C
A
SEATING
PLANE
D
B
E
0.10 C
A3
A
A1
2X
2X
0.10 C
WDFN6 2x2
CASE 506AP−01
ISSUE B
DIM
A
MIN
MAX
MILLIMETERS
0.70
0.80
A1
0.00
0.05
A3
0.20 REF
b
0.25
0.35
b1
0.65 REF
D
D2
E
E2
0.27 REF
e
0.15 REF
K
L
PIN ONE
REFERENCE
0.08 C
0.10 C
7X
A
0.10 C
NOTE 3
L
e
D2
E2
b
B
3
6
6X
1
K
4
6X
0.05 C
4X
J
J1
A
0.10 C
b1
B
6X
0.05 C
L2
NOTE 5
L2
J
J1
0.51
0.61
2.00 BSC
1.00
1.20
2.00 BSC
1.10
1.30
0.65 BSC
0.20
0.30
0.20
0.30
BOTTOM VIEW
2.30
6X
PITCH
1
1.25
0.60
0.35
0.65
0.66
6X
0.43
DIMENSIONS: MILLIMETERS
1.10
0.35
0.34
STYLE 1:
PIN 1.
DRAIN
2.
DRAIN
3.
GATE
4.
SOURCE
5.
DRAIN
6.
DRAIN
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer
purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
NTLJS4114N/D
mCool is a trademark of Semiconductor Components Industries, LLC (SCILLC).
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Numéro de pièce similaire - NTLJS4114N

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NTLJS4114N ONSEMI-NTLJS4114N Datasheet
125Kb / 6P
   Power MOSFET
November, 2012 ??Rev. 3
NTLJS4114NT1G ONSEMI-NTLJS4114NT1G Datasheet
125Kb / 6P
   Power MOSFET
November, 2012 ??Rev. 3
NTLJS4114NTAG ONSEMI-NTLJS4114NTAG Datasheet
125Kb / 6P
   Power MOSFET
November, 2012 ??Rev. 3
NTLJS4114N ONSEMI-NTLJS4114N_12 Datasheet
125Kb / 6P
   Power MOSFET
November, 2012 ??Rev. 3
More results

Description similaire - NTLJS4114N

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NTLJS3113P ONSEMI-NTLJS3113P_06 Datasheet
79Kb / 6P
   Power MOSFET ??0 V, ??.7 A, uCool TM Single 2x2 mm, WDFN Package
May, 2006 ??Rev. 3
NTLJD4150P ONSEMI-NTLJD4150P_07 Datasheet
81Kb / 7P
   Power MOSFET -30 V, -3.4 A, uCool TM Dual P-Channel,2x2 mm WDFN Package
January, 2007 ??Rev. 0
NTLJS1102P ONSEMI-NTLJS1102P Datasheet
119Kb / 7P
   Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package
November, 2008 ??Rev. 0
NTLJD3119C ONSEMI-NTLJD3119C Datasheet
173Kb / 10P
   Power MOSFET 20 V/??0 V, 4.6 A/??.1 A, uCool Complementary, 2x2 mm, WDFN Package
October, 2006 ??Rev. 0
NTLJD3181PZ ONSEMI-NTLJD3181PZ Datasheet
126Kb / 7P
   Power MOSFET ??0 V, ??.0 A, Cool Dual P?묬hannel, ESD, 2x2 mm WDFN Package
December, 2008 ??Rev. 0
NTLJD2105L ONSEMI-NTLJD2105L Datasheet
100Kb / 6P
   POWER MOSFET 8 V, 4.3 A, uCool High Side Load Switch with Level Shift, 2x2 mm WDFN Package
November, 2006 ??Rev. 0
NVLJD4007NZ ONSEMI-NVLJD4007NZ Datasheet
132Kb / 6P
   30 V, 245 mA, Dual, N?묬hannel, Gate ESD Protection, 2x2 WDFN Package
May, 2013 ??Rev. 0
NTLJF3118N ONSEMI-NTLJF3118N Datasheet
155Kb / 7P
   Power MOSFET and Schottky Diode 20 V, 4.6 A, uCool N-Channel, with 2.0 A Schottky Barrier Diode, 2x2 mm WDFN Package
October, 2006 ??Rev. 0
NTLJD3183CZ ONSEMI-NTLJD3183CZ Datasheet
141Kb / 9P
   Power MOSFET 20 V/??0 V, 4.7 A/??.0 A, 關Cool??Complementary, 2x2 mm, WDFN Package
December, 2008 ??Rev. 0
NTHS4501N ONSEMI-NTHS4501N Datasheet
65Kb / 6P
   Power MOSFET 30 V, 6.7 A, Single N?묬hannel, ChipFET Package
February, 2007 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com