Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NTLJF3117P Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce NTLJF3117P
Description  Power MOSFET and Schottky Diode ??0 V, ??.1 A, P?묬hannel, with 2.0 A Schottky Barrier Diode, 2x2 mm, uCool Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJF3117P Fiches technique(HTML) 2 Page - ON Semiconductor

  NTLJF3117P Datasheet HTML 1Page - ON Semiconductor NTLJF3117P Datasheet HTML 2Page - ON Semiconductor NTLJF3117P Datasheet HTML 3Page - ON Semiconductor NTLJF3117P Datasheet HTML 4Page - ON Semiconductor NTLJF3117P Datasheet HTML 5Page - ON Semiconductor NTLJF3117P Datasheet HTML 6Page - ON Semiconductor NTLJF3117P Datasheet HTML 7Page - ON Semiconductor NTLJF3117P Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NTLJF3117P
http://onsemi.com
2
SCHOTTKY DIODE MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
30
V
DC Blocking Voltage
VR
30
V
Average Rectified Forward Current
IF
2.0
A
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction−to−Ambient – Steady State (Note 3)
RqJA
83
°C/W
Junction−to−Ambient – t
≤ 5 s (Note 3)
RqJA
54
Junction−to−Ambient – Steady State Min Pad (Note 4)
RqJA
177
3. Surface Mounted on FR4 Board using 1 in sq pad size (Cu area = 1.127 in sq [2 oz] including traces).
4. Surface Mounted on FR4 Board using the minimum recommended pad size of 30 mm2, 2 oz Cu.
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−20
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
ID = −250 mA, Ref to 25°C
9.95
mV/
°C
Zero Gate Voltage Drain Current
IDSS
VDS = −16 V, VGS = 0 V
TJ = 25°C
−1.0
mA
TJ = 85°C
−10
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±8.0 V
±100
nA
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = −250 mA
−0.4
−0.7
−1.0
V
Negative Threshold
Temperature Coefficient
VGS(TH)/TJ
2.44
mV/
°C
Drain−to−Source On−Resistance
RDS(on)
VGS = −4.5, ID = −2.0 A
75
100
m
W
VGS = −2.5, ID = −2.0 A
101
135
VGS = −1.8, ID = −1.6 A
150
200
Forward Transconductance
gFS
VDS = −5.0 V, ID = −2.0 A
3.1
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = −10 V
531
pF
Output Capacitance
COSS
91
Reverse Transfer Capacitance
CRSS
56
Total Gate Charge
QG(TOT)
VGS = −4.5 V, VDS = −10 V,
ID = −2.0 A
5.5
6.2
nC
Threshold Gate Charge
QG(TH)
0.7
Gate−to−Source Charge
QGS
1.0
Gate−to−Drain Charge
QGD
1.4
Gate Resistance
RG
8.8
W
SWITCHING CHARACTERISTICS (Note 6)
Turn−On Delay Time
td(ON)
VGS = −4.5 V, VDD = −5.0 V,
ID = −1.0 A, RG = 6.0 W
5.2
ns
Rise Time
tr
13.2
Turn−Off Delay Time
td(OFF)
13.7
Fall Time
tf
19.1
5. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
6. Switching characteristics are independent of operating junction temperatures.


Numéro de pièce similaire - NTLJF3117P

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NTLJF3117P ONSEMI-NTLJF3117P Datasheet
295Kb / 2P
   Typical Uses for FETKY Devices
Rev.0, Jun-2006
NTLJF3117P ONSEMI-NTLJF3117P_1 Datasheet
295Kb / 2P
   Typical Uses for FETKY Devices
Rev.0, Jun-2006
More results

Description similaire - NTLJF3117P

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NTLJF3118N ONSEMI-NTLJF3118N Datasheet
155Kb / 7P
   Power MOSFET and Schottky Diode 20 V, 4.6 A, uCool N-Channel, with 2.0 A Schottky Barrier Diode, 2x2 mm WDFN Package
October, 2006 ??Rev. 0
NTLGF3402P ONSEMI-NTLGF3402P Datasheet
91Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.9 A FETKY, P?묬hannel, 2.0 A Schottky Barrier Diode, DFN6
March, 2006 ??Rev. 1
NTGD3147F ONSEMI-NTGD3147F Datasheet
115Kb / 7P
   Power MOSFET and Schottky Diode??0 V, ??.5 A, P?묬hannel with Schottky Barrier Diode, TSOP??
May, 2008 ??Rev. 0
NTLJD3182FZ ONSEMI-NTLJD3182FZ Datasheet
134Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.0 A, 關Cool??Single P?묬hannel & Schottky Barrier Diode, ESD
December, 2008 ??Rev. 0
NTLJD3119C ONSEMI-NTLJD3119C Datasheet
173Kb / 10P
   Power MOSFET 20 V/??0 V, 4.6 A/??.1 A, uCool Complementary, 2x2 mm, WDFN Package
October, 2006 ??Rev. 0
NTLJS4114N ONSEMI-NTLJS4114N Datasheet
84Kb / 6P
   Power MOSFET 30 V, 7.8 A, uCool Single N?묬hannel, 2x2 mm WDFN Package
November, 2006 ??Rev. 1
NTLJS3113P ONSEMI-NTLJS3113P_06 Datasheet
79Kb / 6P
   Power MOSFET ??0 V, ??.7 A, uCool TM Single 2x2 mm, WDFN Package
May, 2006 ??Rev. 3
NTLJD3181PZ ONSEMI-NTLJD3181PZ Datasheet
126Kb / 7P
   Power MOSFET ??0 V, ??.0 A, Cool Dual P?묬hannel, ESD, 2x2 mm WDFN Package
December, 2008 ??Rev. 0
NTGD4169F ONSEMI-NTGD4169F Datasheet
136Kb / 7P
   Power MOSFET and Schottky Diode 30 V, 2.9 A, N?묬hannel with Schottky Barrier Diode, TSOP??
May, 2008 ??Rev. 1
NTLJS1102P ONSEMI-NTLJS1102P Datasheet
119Kb / 7P
   Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package
November, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com