Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7641BSTZRL Fiches technique(PDF) 11 Page - Analog Devices

No de pièce AD7641BSTZRL
Description  18-Bit 250/670 kSPS PulSAR Bipolar Programmable Inputs ADC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7641BSTZRL Fiches technique(HTML) 11 Page - Analog Devices

Back Button AD7641BSTZRL Datasheet HTML 6Page - Analog Devices AD7641BSTZRL Datasheet HTML 7Page - Analog Devices AD7641BSTZRL Datasheet HTML 8Page - Analog Devices AD7641BSTZRL Datasheet HTML 9Page - Analog Devices AD7641BSTZRL Datasheet HTML 10Page - Analog Devices AD7641BSTZRL Datasheet HTML 11Page - Analog Devices AD7641BSTZRL Datasheet HTML 12Page - Analog Devices AD7641BSTZRL Datasheet HTML 13Page - Analog Devices AD7641BSTZRL Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Preliminary Technical Data
AD7631/AD7634
Rev. PrC | Page 11 of 14
Pin
No.
Mnemonic
Type1
Description
When a read sequence is initiated and INVSYNC = low, SYNC is driven high and remains high
while SDOUT output is valid.
When a read sequence is initiated and INVSYNC = high, SYNC is driven low and remains low
while SDOUT output is valid.
24
D13
DO
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 13 of the parallel port data output bus.
or RDERROR
When MODE[1:0] = 3 (serial mode), read error. In serial slave mode (EXT/INT = high), this output
is used as an incomplete read error flag. If a data read is started and not completed when the
current conversion is complete, the current data is lost and RDERROR is pulsed high.
25
D14
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 14 of the parallel port data output bus.
or HW/SW
When MODE[1:0] = 3 (serial mode) hardware/software select. This input, part of the serial
programmable port, is used to select hardware or software input ranges and mode selection.
26
D15
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 15 of the parallel port data output bus.
or SPPDATA
When MODE[1:0] = 3 (serial mode), serial programmable port data. This input is used to write in the
serial programmable port data when HW/SW = low.
27
D16
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 16 of the parallel port data output bus.
or SPPCLK
When MODE[1:0] = 3 (serial mode), serial programmable port clock. This input is used to clock in the
data on SPPDATA. The active edge where the data SPPDATA is updated depends on the logic state of
the INVSCLK pin.
28
D17
DI/O
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 17 of the parallel port data output bus.
or SPPEN
When MODE[1:0] = 3 (serial mode), serial programmable port enable. Asserting this input enables the
serial programmable port.
29
BUSY
DO
Busy Output. Transitions high when a conversion is started and remains high until the conversion
is complete and the data is latched into the on-chip shift register. The falling edge of BUSY can be
used as a data-ready clock signal.
30
TEN
DI
10 Volt Input Range. Refer to Table 8.
When MODE[1:0] = 0, 1, or 2, this input is used to select the 10V input range.
When MODE[1:0] = 3 (serial mode), and
HW/SW = high, driving TEN high selects the 10 Volt input range.
HW/SW = low, the input range is programmed with the serial programmable port and this pin is a
don’t care.
31
RD
DI
Read Data. When CS and RD are both low, the interface parallel or serial output bus is enabled.
32
CS
DI
Chip Select. When CS and RD are both low, the interface parallel or serial output bus is enabled.
CS is also used to gate the external clock in slave serial mode.
33
RESET
DI
Reset Input. When high, resets the ADC. Current conversion, if any, is aborted. Falling edge of
RESET enables the calibration mode indicated by pulsing BUSY high. If not used, this pin can be tied to
DGND.
34
PD
DI
Power-Down Input. When high, power downs the ADC. Power consumption is reduced and
conversions are inhibited after the current one is completed.
35
CNVST
DI
Conversion Start. A falling edge on CNVST puts the internal sample-and-hold into the hold state
and initiates a conversion.
36
BIP
DI
Bipolar Input Range. Refer to Table 8.
When MODE[1:0] = 0, 1, or 2, this input is used to select the bipolar input range.
When MODE[1:0] = 3 (serial mode), and
HW/SW = high, driving BIP high selects the bipolar input range.
HW/SW = low, the input range is programmed with the serial programmable port and this pin is a
don’t care.
37
REF
AI/O
Reference Output/Input.
When PDREF/PDBUF = low, the internal reference and buffer are enabled producing 5 V on this pin.
When PDREF/PDBUF = high, the internal reference and buffer are disabled allowing an externally
supplied voltage reference up to AVDD volts. Decoupling is required with or without the internal
reference and buffer.


Numéro de pièce similaire - AD7641BSTZRL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7641BSTZRL AD-AD7641BSTZRL Datasheet
542Kb / 29P
   18-Bit, 2 MSPS SAR ADC
More results

Description similaire - AD7641BSTZRL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD7634 AD-AD7634_17 Datasheet
677Kb / 33P
   18-Bit, 670 kSPS, Differential Programmable Input PulSAR ADC
AD7634 AD-AD7634_15 Datasheet
601Kb / 32P
   18-Bit, 670 kSPS, Differential Programmable Input PulSAR
REV. B
AD7631 AD-AD7631_17 Datasheet
664Kb / 33P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
AD7610 AD-AD7610 Datasheet
820Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7610 AD-AD7610_17 Datasheet
684Kb / 33P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
AD7631 AD-AD7631_15 Datasheet
587Kb / 32P
   18-Bit, 250 kSPS, Differential Programmable Input PulSAR
REV. B
AD7634BSTZ AD-AD7634BSTZ Datasheet
601Kb / 32P
   18-Bit, 670 kSPS, Differential Programmable Input PulSAR짰 ADC
REV. B
AD7610 AD-AD7610_15 Datasheet
627Kb / 32P
   16-Bit, 250 kSPS, Unipolar/Bipolar Programmable Input PulSAR
REV. A
AD7612 AD-AD7612 Datasheet
818Kb / 32P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. 0
AD7612 AD-AD7612_17 Datasheet
582Kb / 33P
   16-Bit, 750 kSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com