Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NSS30071MR6T1G Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce NSS30071MR6T1G
Description  30 V, 0.7 A, Low VCE(sat) NPN Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS30071MR6T1G Fiches technique(HTML) 3 Page - ON Semiconductor

  NSS30071MR6T1G Datasheet HTML 1Page - ON Semiconductor NSS30071MR6T1G Datasheet HTML 2Page - ON Semiconductor NSS30071MR6T1G Datasheet HTML 3Page - ON Semiconductor NSS30071MR6T1G Datasheet HTML 4Page - ON Semiconductor NSS30071MR6T1G Datasheet HTML 5Page - ON Semiconductor NSS30071MR6T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NSS30071MR6T1G
http://onsemi.com
3
Figure 1. Collector Saturation Region
Figure 2. Collector Saturation Region
Figure 3. DC Current Gain
Figure 4. “ON” Voltages
Figure 5. “ON” Voltages
Figure 6. Collector−Emitter Saturation Voltage
0.1
0.000001
IB, BASE CURRENT (A)
0.3
0.2
1.0
0.01
IC, COLLECTOR CURRENT (A)
1000
100
IC, COLLECTOR CURRENT (A)
0.001
1.0
0.1
0.001
0.01
0.001
IC, COLLECTOR CURRENT (A)
1.0
0.1
0.01
IC, COLLECTOR CURRENT (A)
0.01
0.16
0.12
0.04
0
0.1
0.01
0.1
0
0.0001
0.001
0.01
0.1
0.1
1.0
0.1
1.0
1.0
0.08
IC = 1.0 mA
0.7 A
0.00001
0.1
0.000001
IB, BASE CURRENT (A)
0.1
0
0.0001
0.001
0.01
IC = 1.0 mA
0.00001
VCE = 3.0 V
10 mA
0.1 A
0.5 A
10 mA
0.1 A
−40°C
150°C
25°C
VBE(sat)
VCE(sat)
IC/IB = 10
VBE(sat)
VCE(sat)
IC/IB = 100
IC/IB = 10
T = 85°C
25°C
0°C
0.01


Numéro de pièce similaire - NSS30071MR6T1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NSS30070MR6T1G ONSEMI-NSS30070MR6T1G Datasheet
65Kb / 4P
   30 V, 0.7 A, Low VCE(sat) PNP Transistor
June, 2005 ??Rev. 0
NSS30070MR6T1G ONSEMI-NSS30070MR6T1G Datasheet
124Kb / 4P
   30 V, 0.7 A, Low VCE(sat) PNP Transistor
September, 2013 ??Rev. 1
NSS30070MR6T1G ONSEMI-NSS30070MR6T1G_13 Datasheet
124Kb / 4P
   30 V, 0.7 A, Low VCE(sat) PNP Transistor
September, 2013 ??Rev. 1
More results

Description similaire - NSS30071MR6T1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NSS30070MR6T1G ONSEMI-NSS30070MR6T1G Datasheet
65Kb / 4P
   30 V, 0.7 A, Low VCE(sat) PNP Transistor
June, 2005 ??Rev. 0
NSS30070MR6T1G ONSEMI-NSS30070MR6T1G_13 Datasheet
124Kb / 4P
   30 V, 0.7 A, Low VCE(sat) PNP Transistor
September, 2013 ??Rev. 1
NSS30101LT1G ONSEMI-NSS30101LT1G Datasheet
60Kb / 4P
   30 V, 2 A, Low VCE(sat) NPN Transistor
June, 2005 ??Rev. 0
NSS30201MR6T1G ONSEMI-NSS30201MR6T1G Datasheet
70Kb / 6P
   30 V, 3 A, Low VCE(sat) NPN Transistor
June, 2005 ??Rev. 0
NSS30101LT1G ONSEMI-NSS30101LT1G_09 Datasheet
134Kb / 4P
   30 V, 2 A, Low VCE(sat) NPN Transistor
August, 2009 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
PBSS4140T SEMTECH_ELEC-PBSS4140T Datasheet
187Kb / 2P
   30 V Low VCE(sat) NPN Transistor
logo
ON Semiconductor
NSS30201MR6T1G ONSEMI-NSS30201MR6T1G_11 Datasheet
148Kb / 6P
   30 V, 3 A, Low VCE(sat) NPN Transistor
November, 2011 ??Rev. 1
NSS30100LT1G ONSEMI-NSS30100LT1G Datasheet
68Kb / 6P
   30 V, 2 A, Low Vce(sat) PNP Transistor
June, 2005 ??Rev. 0
NSS30100LT1G ONSEMI-NSS30100LT1G_13 Datasheet
112Kb / 5P
   30 V, 2 A, Low VCE(sat) PNP Transistor
September, 2013 ??Rev. 2
NSS20201LT1G ONSEMI-NSS20201LT1G_11 Datasheet
135Kb / 6P
   20 V, 4.0 A, Low VCE(sat) NPN Transistor
November, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com