Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NSS30071MR6T1G Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce NSS30071MR6T1G
Description  30 V, 0.7 A, Low VCE(sat) NPN Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSS30071MR6T1G Fiches technique(HTML) 1 Page - ON Semiconductor

  NSS30071MR6T1G Datasheet HTML 1Page - ON Semiconductor NSS30071MR6T1G Datasheet HTML 2Page - ON Semiconductor NSS30071MR6T1G Datasheet HTML 3Page - ON Semiconductor NSS30071MR6T1G Datasheet HTML 4Page - ON Semiconductor NSS30071MR6T1G Datasheet HTML 5Page - ON Semiconductor NSS30071MR6T1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
June, 2005 − Rev. 0
1
Publication Order Number:
NSS30071MR6/D
NSS30071MR6T1G
30 V, 0.7 A, Low VCE(sat)
NPN Transistor
ON Semiconductor’s e2PowerEdge family of low VCE(sat)
transistors are miniature surface mount devices featuring ultra low
saturation voltage (VCE(sat)) and high current gain capability. These
are designed for use in low voltage, high speed switching applications
where affordable efficient energy control is important.
Typical application are DC−DC converters and power management
in portable and battery powered products such as cellular and cordless
phones, PDAs, computers, printers, digital cameras and MP3 players.
Other applications are low voltage motor controls in mass storage
products such as disc drives and tape drives. In the automotive
industry they can be used in air bag deployment and in the instrument
cluster. The high current gain allows e2PowerEdge devices to be
driven directly from PMU’s control outputs, and the Linear Gain
(Beta) makes them ideal components in analog amplifiers.
This is a Pb−Free Device
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
30
V
Collector−Base Voltage
VCBO
40
V
Emitter−Base Voltage
VEBO
5.0
V
Collector Current
IC
700
mA
Base Current
IB
350
mA
Total Power Dissipation @ TC = 25°C
Total Power Dissipation @ TC = 85°C
Thermal Resistance − Junction−to−Ambient
(Note 1)
PD
PD
RqJA
342
178
366
mW
mW
°C/W
Total Power Dissipation @ TC = 25°C
Total Power Dissipation @ TC = 85°C
Thermal Resistance − Junction−to−Ambient
(Note 2)
PD
PD
RqJA
665
346
188
mW
mW
°C/W
Operating and Storage Temperature Range
TJ, Tstg
−55 to
+150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Minimum FR−4 or G−10 PCB, Operating to Steady State.
2. Mounted onto a 2
″ square FR−4 Board (1″ sq 2 oz Cu 0.06″ thick single sided),
Operating to Steady State.
30 VOLTS
0.7 AMPS
NPN LOW VCE(sat) TRANSISTOR
EQUIVALENT RDS(on) 200 mW
COLLECTOR
PINS 2, 5
BASE
PIN 6
EMITTER
PIN 3
http://onsemi.com
DEVICE MARKING
VS3 = Specific Device Code
M
= Date Code
VS3M
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
Device
Package
Shipping
ORDERING INFORMATION
NSS30071MR6T1G
SC−74
(Pb−Free)
10000/Tape & Reel
SC−74
CASE 318F
STYLE 2
1 2
4
3
5
6


Numéro de pièce similaire - NSS30071MR6T1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NSS30070MR6T1G ONSEMI-NSS30070MR6T1G Datasheet
65Kb / 4P
   30 V, 0.7 A, Low VCE(sat) PNP Transistor
June, 2005 ??Rev. 0
NSS30070MR6T1G ONSEMI-NSS30070MR6T1G Datasheet
124Kb / 4P
   30 V, 0.7 A, Low VCE(sat) PNP Transistor
September, 2013 ??Rev. 1
NSS30070MR6T1G ONSEMI-NSS30070MR6T1G_13 Datasheet
124Kb / 4P
   30 V, 0.7 A, Low VCE(sat) PNP Transistor
September, 2013 ??Rev. 1
More results

Description similaire - NSS30071MR6T1G

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NSS30070MR6T1G ONSEMI-NSS30070MR6T1G Datasheet
65Kb / 4P
   30 V, 0.7 A, Low VCE(sat) PNP Transistor
June, 2005 ??Rev. 0
NSS30070MR6T1G ONSEMI-NSS30070MR6T1G_13 Datasheet
124Kb / 4P
   30 V, 0.7 A, Low VCE(sat) PNP Transistor
September, 2013 ??Rev. 1
NSS30101LT1G ONSEMI-NSS30101LT1G Datasheet
60Kb / 4P
   30 V, 2 A, Low VCE(sat) NPN Transistor
June, 2005 ??Rev. 0
NSS30201MR6T1G ONSEMI-NSS30201MR6T1G Datasheet
70Kb / 6P
   30 V, 3 A, Low VCE(sat) NPN Transistor
June, 2005 ??Rev. 0
NSS30101LT1G ONSEMI-NSS30101LT1G_09 Datasheet
134Kb / 4P
   30 V, 2 A, Low VCE(sat) NPN Transistor
August, 2009 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
PBSS4140T SEMTECH_ELEC-PBSS4140T Datasheet
187Kb / 2P
   30 V Low VCE(sat) NPN Transistor
logo
ON Semiconductor
NSS30201MR6T1G ONSEMI-NSS30201MR6T1G_11 Datasheet
148Kb / 6P
   30 V, 3 A, Low VCE(sat) NPN Transistor
November, 2011 ??Rev. 1
NSS30100LT1G ONSEMI-NSS30100LT1G Datasheet
68Kb / 6P
   30 V, 2 A, Low Vce(sat) PNP Transistor
June, 2005 ??Rev. 0
NSS30100LT1G ONSEMI-NSS30100LT1G_13 Datasheet
112Kb / 5P
   30 V, 2 A, Low VCE(sat) PNP Transistor
September, 2013 ??Rev. 2
NSS20201LT1G ONSEMI-NSS20201LT1G_11 Datasheet
135Kb / 6P
   20 V, 4.0 A, Low VCE(sat) NPN Transistor
November, 2011 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com