Moteur de recherche de fiches techniques de composants électroniques |
|
ADV7343BSTZ Fiches technique(PDF) 10 Page - Analog Devices |
|
ADV7343BSTZ Fiches technique(HTML) 10 Page - Analog Devices |
10 / 88 page ADV7342/ADV7343 Rev. 0 | Page 10 of 88 TIMING DIAGRAMS The following abbreviations are used in Figure 2 to Figure 13: • t9 = Clock high time • t10 = Clock low time • t11 = Data setup time • t12 = Data hold time • t13 = Control output access time • t14 = Control output hold time In addition, refer to Table 31 for the ADV7342/ADV7343 input configuration. t9 CLKIN_A t10 CONTROL OUTPUTS S_HSYNC, S_VSYNC Cr2 Cb2 Cr0 Cb0 *SELECTED BY SUBADDRESS 0x01, BIT 7. IN MASTER/SLAVE MODE IN SLAVE MODE Y0 Y1 Y2 S7 TO S0/ Y7 TO Y0* CONTROL INPUTS t12 t11 t13 t14 Figure 2. SD Only, 8-Bit, 4:2:2 YCrCb Pixel Input Mode (Input Mode 000) IN MASTER/SLAVE MODE IN SLAVE MODE CLKIN_A CONTROL OUTPUTS S_HSYNC, S_VSYNC *SELECTED BY SUBADDRESS 0x01, BIT 7. S7 TO S0/ Y7 TO Y0* Y7 TO Y0/ C7 TO C0* CONTROL INPUTS t9 t10 Cr2 Cb2 Cr0 Cb0 Y0 Y1 Y2 Y3 t12 t14 t11 t13 Figure 3. SD Only, 16-Bit, 4:2:2 YCrCb Pixel Input Mode (Input Mode 000) C7 TO C0 Y7 TO Y0 CONTROL OUTPUTS S7 TO S0 t9 CLKIN_A t10 S_HSYNC, S_VSYNC CONTROL INPUTS t11 G0 G1 G2 B0 B1 B2 R0 R1 R2 t12 t14 t13 Figure 4. SD Only, 24-Bit, 4:4:4 RGB Pixel Input Mode (Input Mode 000) |
Numéro de pièce similaire - ADV7343BSTZ |
|
Description similaire - ADV7343BSTZ |