Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCS2501 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce NCS2501
Description  1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2501 Fiches technique(HTML) 3 Page - ON Semiconductor

  NCS2501 Datasheet HTML 1Page - ON Semiconductor NCS2501 Datasheet HTML 2Page - ON Semiconductor NCS2501 Datasheet HTML 3Page - ON Semiconductor NCS2501 Datasheet HTML 4Page - ON Semiconductor NCS2501 Datasheet HTML 5Page - ON Semiconductor NCS2501 Datasheet HTML 6Page - ON Semiconductor NCS2501 Datasheet HTML 7Page - ON Semiconductor NCS2501 Datasheet HTML 8Page - ON Semiconductor NCS2501 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NCS2501
http://onsemi.com
3
ATTRIBUTES
Characteristics
Value
ESD
Human Body Model
Machine Model
Charged Device Model
2.0 kV (Note 1)
200 V
1.0 kV
Moisture Sensitivity (Note 2)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
1. 0.8 kV between the input pairs +IN and −IN pins only. All other pins are 2.0 kV.
2. For additional information, see Application Note AND8003/D.
MAXIMUM RATINGS
Parameter
Symbol
Rating
Unit
Power Supply Voltage
VS
11
VDC
Input Voltage Range
VI
vVS
VDC
Input Differential Voltage Range
VID
vVS
VDC
Output Current
IO
100
mA
Maximum Junction Temperature (Note 3)
TJ
150
°C
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature Range
Tstg
−60 to +150
°C
Power Dissipation
PD
(See Graph)
mW
Thermal Resistance, Junction−to−Air
SO−8
SC70−6
SOT23−6
RqJA
172
215
154
°C/W
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
3. Power dissipation must be considered to ensure maximum junction temperature (TJ) is not exceeded.
MAXIMUM POWER DISSIPATION
The maximum power that can be safely dissipated is limited
by the associated rise in junction temperature. For the plastic
packages, the maximum safe junction temperature is 150
°C.
If the maximum is exceeded momentarily, proper circuit
operation will be restored as soon as the die temperature is
reduced. Leaving the device in the “overheated’’ condition for
an extended period can result in device damage.
Figure 3. Power Dissipation vs. Temperature
1400
1000
800
600
400
0
−50
25
100
150
Ambient Temperature (
°C)
1200
200
−25
0
75
125
50
SOT23 Pkg
SC70 Pkg
SO−8 Pkg


Numéro de pièce similaire - NCS2501

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCS2501 ONSEMI-NCS2501 Datasheet
3Mb / 4P
   Low Power,High Speed,Current Feedback Op Amps
Rev.1, Apr-2006
More results

Description similaire - NCS2501

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCS2530 ONSEMI-NCS2530_07 Datasheet
358Kb / 16P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
January, 2007 ??Rev. 1
NCS2530 ONSEMI-NCS2530 Datasheet
329Kb / 14P
   Triple 1.1 mA 200 MHz Current Feedback Op Amp with Enable Feature
June, 2005 ??Rev. 0
NCS2500 ONSEMI-NCS2500 Datasheet
224Kb / 16P
   1.1 mA 200 MHz Current Feedback Op Amp
May, 2005 ??Rev. 1
NCS2502 ONSEMI-NCS2502 Datasheet
300Kb / 16P
   650 uA 110 MHz Current Feedback Op Amp with Enable Feature
November, 2005 ??Rev. 2
NCS2510 ONSEMI-NCS2510 Datasheet
216Kb / 14P
   1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
NCS2540 ONSEMI-NCS2540 Datasheet
346Kb / 13P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
May, 2006 ??Rev. 1
NCS2552SNT1G ONSEMI-NCS2552SNT1G Datasheet
272Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
NCS2552 ONSEMI-NCS2552 Datasheet
266Kb / 13P
   750 MHz Voltage Feedback Op Amp with Fast Enable Feature
May, 2006 ??Rev. 1
NCS2540 ONSEMI-NCS2540_07 Datasheet
366Kb / 14P
   Triple 750 MHz Voltage Feedback Op Amp with Enable Feature
February, 2007 ??Rev. 2
NCS2535 ONSEMI-NCS2535 Datasheet
230Kb / 12P
   Triple 1.0 GHz Current Feedback Op Amp with Enable Feature
July, 2005 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com