Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5678ARUZ-2 Fiches technique(PDF) 10 Page - Analog Devices

No de pièce AD5678ARUZ-2
Description  4 횞 12-Bit and 4 횞 16-Bit Octal DAC with On-Chip Reference in 14-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5678ARUZ-2 Fiches technique(HTML) 10 Page - Analog Devices

Back Button AD5678ARUZ-2 Datasheet HTML 6Page - Analog Devices AD5678ARUZ-2 Datasheet HTML 7Page - Analog Devices AD5678ARUZ-2 Datasheet HTML 8Page - Analog Devices AD5678ARUZ-2 Datasheet HTML 9Page - Analog Devices AD5678ARUZ-2 Datasheet HTML 10Page - Analog Devices AD5678ARUZ-2 Datasheet HTML 11Page - Analog Devices AD5678ARUZ-2 Datasheet HTML 12Page - Analog Devices AD5678ARUZ-2 Datasheet HTML 13Page - Analog Devices AD5678ARUZ-2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5678
Rev. A | Page 10 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
AD5678
VDD
VOUTA
VOUTC
VREFIN/VREFOUT
VOUTG
VOUTE
14
13
12
11
10
9
8
DIN
GND
VOUTB
VOUTH
VOUTF
VOUTD
SCLK
TOP VIEW
(Not to Scale)
SYNC
Figure 3. 14-Lead TSSOP (RU-14)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SYNC
VDD
VOUTA
VOUTG
VOUTE
VOUTC
LDAC
DIN
GND
VOUTB
VOUTH
VREFIN/VREFOUT
CLR
VOUTF
VOUTD
SCLK
AD5678
TOP VIEW
(Not to Scale)
Figure 4. 16-Lead TSSOP (RU-16)
Table 6. Pin Function Descriptions
Pin No.
14-Lead
TSSOP
16-Lead
TSSOP
Mnemonic
Description
1
LDAC
Pulsing this pin low allows any or all DAC registers to be updated if the input registers have
new data. This allows all DAC outputs to simultaneously update. Alternatively, this pin can be
tied permanently low.
1
2
SYNC
Active Low Control Input. This is the frame synchronization signal for the input data. When
SYNC goes low, it powers on the SCLK and DIN buffers and enables the input shift register.
Data is transferred in on the falling edges of the next 32 clocks. If SYNC is taken high before
the 32nd falling edge, the rising edge of SYNC acts as an interrupt and the write sequence is
ignored by the device.
2
3
VDD
Power Supply Input. These parts can be operated from 2.7 V to 5.5 V, and the supply should
be decoupled with a 10 μF capacitor in parallel with a 0.1 μF capacitor to GND.
3
4
VOUTA
Analog Output Voltage from DAC A. The output amplifier has rail-to-rail operation.
11
13
VOUTB
Analog Output Voltage from DAC B. The output amplifier has rail-to-rail operation.
4
5
VOUTC
Analog Output Voltage from DAC C. The output amplifier has rail-to-rail operation.
10
12
VOUTD
Analog Output Voltage from DAC D. The output amplifier has rail-to-rail operation.
7
8
VREFIN/VREFOUT
The AD5678 has a common pin for reference input and reference output. When using the
internal reference, this is the reference output pin. When using an external reference, this is
the reference input pin. The default for this pin is as a reference input.
9
CLR
Asynchronous Clear Input. The CLR input is falling edge sensitive. When CLR is low, all LDAC
pulses are ignored. When CLR is activated, the input register and the DAC register are
updated with the data contained in the CLR code register—zero, midscale, or full scale.
Default setting clears the output to 0 V.
5
6
VOUTE
Analog Output Voltage from DAC E. The output amplifier has rail-to-rail operation.
9
11
VOUTF
Analog Output Voltage from DAC F. The output amplifier has rail-to-rail operation.
6
7
VOUTG
Analog Output Voltage from DAC G. The output amplifier has rail-to-rail operation.
8
10
VOUTH
Analog Output Voltage from DAC H. The output amplifier has rail-to-rail operation.
12
14
GND
Ground Reference Point for All Circuitry on the Part.
13
15
DIN
Serial Data Input. This device has a 32-bit shift register. Data is clocked into the register on
the falling edge of the serial clock input.
14
16
SCLK
Serial Clock Input. Data is clocked into the input shift register on the falling edge of the serial
clock input. Data can be transferred at rates of up to 50 MHz.


Numéro de pièce similaire - AD5678ARUZ-2

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5678 AD-AD5678_15 Datasheet
734Kb / 28P
   On-Chip Reference in 14-Lead TSSOP
REV. C
More results

Description similaire - AD5678ARUZ-2

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5628 AD-AD5628 Datasheet
306Kb / 24P
   Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Rev. PrA
AD5666 AD-AD5666 Datasheet
823Kb / 28P
   Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. A
AD5666 AD-AD5666_15 Datasheet
630Kb / 28P
   Quad, 16-Bit DAC with 5 ppm/C On-Chip Reference in 14-Lead TSSOP
REV. D
AD5678 AD-AD5678_15 Datasheet
734Kb / 28P
   On-Chip Reference in 14-Lead TSSOP
REV. C
logo
Elpida Memory
HM52Y25165B-B6 ELPIDA-HM52Y25165B-B6 Datasheet
363Kb / 60P
   256M SDRAM 100 MHz 4-Mword 횞 16-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank
logo
Texas Instruments
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
logo
Winbond
W9712G6JB WINBOND-W9712G6JB Datasheet
1Mb / 86P
   2M 횞 4 BANKS 횞 16 BIT DDR2 SDRAM
logo
Texas Instruments
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
logo
Elpida Memory
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
   256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com