Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NCP1406 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce NCP1406
Description  25 V/25 mA PFM Step?뭊p DC?묭C Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1406 Fiches technique(HTML) 5 Page - ON Semiconductor

  NCP1406 Datasheet HTML 1Page - ON Semiconductor NCP1406 Datasheet HTML 2Page - ON Semiconductor NCP1406 Datasheet HTML 3Page - ON Semiconductor NCP1406 Datasheet HTML 4Page - ON Semiconductor NCP1406 Datasheet HTML 5Page - ON Semiconductor NCP1406 Datasheet HTML 6Page - ON Semiconductor NCP1406 Datasheet HTML 7Page - ON Semiconductor NCP1406 Datasheet HTML 8Page - ON Semiconductor NCP1406 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
NCP1406
http://onsemi.com
5
TYPICAL CHARACTERISTICS
VIN = 2.0 V
2.4 V
3.0 V
4.2 V
5.0 V
IOUT, OUTPUT CURRENT (mA)
3.7 V
VIN = 2.0 V
2.4 V
3.0 V
IOUT, OUTPUT CURRENT (mA)
VOUT = 15 V
L1 = 8.2
mH, Sumida
CR43−8R2MC
C1 = 10
mF
C2 = 4.7
mF
C3 = 68 pF
TA = 25°C
Figure 2
020
40
60
80
VIN = 2.0 V
2.4 V
3.0 V
4.2 V
5.0 V
IOUT, OUTPUT CURRENT (mA)
VOUT = 15 V
L1 = 8.2
mH, Sumida
CR43−8R2MC
C1 = 10
mF
C2 = 4.7
mF
C3 = 68 pF
TA = 25°C
Figure 2
14.0
14.5
15.0
15.5
16.0
020
40
60
80
VIN = 2.4 V
3.0 V
3.7 V
4.2 V
5.0 V
IOUT, OUTPUT CURRENT (mA)
VOUT = 25 V
L1 = 8.2
mH, Sumida
CR43−8R2MC
C1 = 10
mF
C2 = 3.3
mF
C3 = 82 pF
TA = 25°C
Figure 1
60
70
80
90
100
0
10
2030
4050
60
70
80
90
100
Figure 5. Output Voltage versus Output Current
(VOUT = 25 V, L = 8.2
mH)
Figure 6. Efficiency versus Output Current
(VOUT = 25 V, L = 8.2
mH)
Figure 7. Output Voltage versus Output Current
(VOUT = 15 V, L = 8.2
mH)
Figure 8. Efficiency versus Output Current
(VOUT = 15 V, L = 8.2
mH)
7.0
7.5
8.0
8.5
9.0
0
25
50
75
100
125
150
Figure 9. Output Voltage versus Output Current
(VOUT = 8.0 V, L = 8.2
mH)
Figure 10. Efficiency versus Output Current
(VOUT = 8.0 V, L = 8.2
mH)
VIN = 2.4 V
3.0 V
3.7 V
4.2 V
5.0 V
IOUT, OUTPUT CURRENT (mA)
VOUT = 25 V
L1 = 8.2
mH, Sumida
CR43−8R2MC
C1 = 10
mF
C2 = 3.3
mF
C3 = 82 pF
TA = 25°C
Figure 1
24.0
24.5
25.0
25.5
26.0
010
20
3.7 V
4.2 V
3.7 V
5.0 V
VOUT = 8.0 V
L1 = 8.2
mH, Sumida CR43−8R2MC
C1 = 10
mF
C2 = 4.7
mF
C3 = 12 pF
TA = 25°C
Figure 3
VIN = 2.0 V
2.4 V
3.0 V
4.2 V
5.0 V
3.7 V
60
70
80
90
100
0
25
50
75
100
125
150
IOUT, OUTPUT CURRENT (mA)
VOUT = 8.0 V
L1 = 8.2
mH, Sumida
CR43−8R2MC
C1 = 10
mF
C2 = 4.7
mF
C3 = 12 pF
TA = 25°C
Figure 3
30
40
50


Numéro de pièce similaire - NCP1406

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP1406 ONSEMI-NCP1406 Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
NCP1406 ONSEMI-NCP1406 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
NCP1406 ONSEMI-NCP1406_12 Datasheet
218Kb / 19P
   25 V/25 mA PFM Step-Up DC-DC Converter
October, 2012 ??Rev. 6
More results

Description similaire - NCP1406

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP1403 ONSEMI-NCP1403_05 Datasheet
211Kb / 18P
   15 V/50 mA PFM Step?뭊p DC?묭C Converter
December, 2005 ??Rev. 6
NCP1406 ONSEMI-NCP1406_12 Datasheet
218Kb / 19P
   25 V/25 mA PFM Step-Up DC-DC Converter
October, 2012 ??Rev. 6
NCP1423 ONSEMI-NCP1423 Datasheet
154Kb / 13P
   400 mA Sync?뭃ect PFM Step?뭊p DC?묭C Converter with True?묬utoff and Ring?묷iller
October, 2006 ??Rev. 5
NCP1422 ONSEMI-NCP1422 Datasheet
134Kb / 14P
   800 mA Sync?뭃ect PFM Step?뭊p DC?묭C Converter with True?묬utoff and Ring?묷iller
February, 2006 ??Rev. 3
NCP1402 ONSEMI-NCP1402_06 Datasheet
174Kb / 18P
   200 mA, PFM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 7
NCP1403 ONSEMI-NCP1403 Datasheet
160Kb / 20P
   15 V/50 mA PFM Step-Up DC-DC Converter
December, 2002 - Rev. 4
NCP1521B ONSEMI-NCP1521B Datasheet
219Kb / 14P
   1.5 MHz, 600 mA Step?묭own DC?묭C Converter
March, 2007 ??Rev. 0
NCP1550 ONSEMI-NCP1550_06 Datasheet
197Kb / 17P
   600 kHz PWM/PFM Step?묭own DC?묭C Controller
July, 2006 ??Rev. 8
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
   PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
   PFM Step-up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com