Moteur de recherche de fiches techniques de composants électroniques |
|
AD5370BSTZ Fiches technique(PDF) 10 Page - Analog Devices |
|
AD5370BSTZ Fiches technique(HTML) 10 Page - Analog Devices |
10 / 24 page Preliminary Technical Data AD5370 Rev. P rF | Page 10 of 24 Pin Function RESET Asynchronous Digital Reset Input BUSY Digital Input/Open-Drain Output. BUSY is open-drain when an output. See the BUSY AND LDAC FUNCTIONS section for more information SIGGND0 Reference Ground for DACs 0 to 7. VOUT0 to VOUT7 are referenced to this voltage. SIGGND1 Reference Ground for DACs 8 to 15. VOUT7 to VOUT15 are referenced to this voltage. SIGGND1 Reference Ground for DACs 16 to 23. VOUT16 to VOUT23 are referenced to this voltage. SIGGND3 Reference Ground for DACs 24 and 31. VOUT24 to VOUT31 are referenced to this voltage. SIGGND4 Reference Ground for DACs 32 to 39. VOUT32 to VOUT39 are referenced to this voltage. EXPOSED PADDLE The Lead Free Chip Scale Package (LFCSP) has an exposed paddle on the underside. This should be connected to VSS |
Numéro de pièce similaire - AD5370BSTZ |
|
Description similaire - AD5370BSTZ |