Moteur de recherche de fiches techniques de composants électroniques |
|
AD5100YRQZ-RL7 Fiches technique(PDF) 6 Page - Analog Devices |
|
AD5100YRQZ-RL7 Fiches technique(HTML) 6 Page - Analog Devices |
6 / 32 page AD5100 Preliminary Technical Data Rev. PrJ | Page 6 of 32 Absolute Maximum Ratings Table 3. Parameter Rating V1MON to GND −0.3 V, +33 V V2MON to GND −0.3 V, +33 V V3MON to GND −0.3 V, +7 V V4MON to GND −0.3 V, +7 V VOTP to GND −0.3 V, +7 V Digital Input Voltage to GND (MR , WDI, SCL, SDA, AD0) 0 V, +7V Digital Output Voltage to GND (RESET ,V4OUT, SHDNWARN ) 0 V, +7V Digital Output Voltage to GND (SHDN ) 0 V, +33V Operating Temperature Range −40°C to +125°C HBM ESD (All Pins) 2KV Maximum Junction Temperature (TJmax) 140°C Storage Temperature −65°C to +150°C Lead Temperature (Soldering, 10 s – 30 s) 245°C Thermal Resistance Junction-to- Ambient1 θJA 105oC/W Thermal Resistance Junction-to-Case θJC 39oC/W 1 Package power dissipation = (TJmax – TA) / θJA. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. |
Numéro de pièce similaire - AD5100YRQZ-RL7 |
|
Description similaire - AD5100YRQZ-RL7 |