Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5100 Fiches technique(PDF) 4 Page - Analog Devices

No de pièce AD5100
Description  System-Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5100 Fiches technique(HTML) 4 Page - Analog Devices

  AD5100 Datasheet HTML 1Page - Analog Devices AD5100 Datasheet HTML 2Page - Analog Devices AD5100 Datasheet HTML 3Page - Analog Devices AD5100 Datasheet HTML 4Page - Analog Devices AD5100 Datasheet HTML 5Page - Analog Devices AD5100 Datasheet HTML 6Page - Analog Devices AD5100 Datasheet HTML 7Page - Analog Devices AD5100 Datasheet HTML 8Page - Analog Devices AD5100 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD5100
Preliminary Technical Data
Rev. PrJ | Page 4 of 32
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
V4MON Threshold Tolerance
ΔV
4MON
TA = 25oC
-2.5
+2.5
%
(Figure 7 and Table 5a)
TA = -40oC to 85oC
-3
+3
%
TA = -40oC to 125oC
-3.5
+3.5
%
V4MON Hysteresis
V4_HYSTERESIS
6
%
Reset Hold Time Tolerance
(Figures 6, 7, and Table 6a)
Δt
RS_HOLD
Does not apply to codes 0x6 and
0x7
-10
+10
%
V3,4MON–to-RESET Delay
tRS_DELAY
70
μs
RESET Output Voltage
VOH
V3MON
4.38V, I
SOURCE
= 120uA
V3MON-1.5
V
2.7V < V3MON
≤ 4.38V, I
SOURCE
= 30uA
0.8xV3MON
V
2.3V < V3MON
≤ 2.7V, I
SOURCE
= 20uA
0.8xV3MON
V
1.8V
≤ V
3MON
≤ 2.3V, I
SOURCE
= 8uA
0.8xV3MON
V
VOL
V3MON > 4.38V, ISINK = 3.2mA
0.4
V
V3MON < 4.38V, ISINK = 1.2mA
0.3
V
RESET Output Short-Circuit
Current3
ISOURCE
RESET = 0, V3MON = 5.5V
800
μA
RESET = 0, V3MON = 3.6V
400
μA
Glitch Immune Time
tGLITCH
50
μs
V4OUT Maximum Output
V4OUT_MAX
Open Drain
5.5
V
V4OUT Propagation Delay
tV4OUT_Delay
70
μs
V4OUT Maximum Frequency
fV4OUT
Apply to RESET disabled only
10
KHz
WDI (WATCHDOG INPUT)
WDI Programmable-Timeout
Tolerance
(Figure 8 and Table 6a)
Δt
WD
-10
+10
%
WDI Pulse Width
tWDI
50
ns
Watchdog-Initiated RESET Pulse
Width
tWDR
When no WDI
tWD/50
ms
Watchdog-Initiated SHDN
tWD_SHDN
When no WDI activity > 4 tWD
1
s
WDI Input Voltage
VIL_WD
0.3xV3MON
V
VIH_WD
0.7xV3MON
V
WDI Input Current
WDI = V3MON, time average
160
μA
WDI = 0, time average
-20
μA
MR (MANUAL RESET) INPUT
MR Input Voltage
VIL_MR
0.3*V3MON
V
VIH_MR
0.7*V3MON
V
MR Pulse Width
tMR
1
μs
MR Deglitching
tMR_GLITCH
100
ns
MR -to-Reset Delay
tMR_DELAY
1
μs
MR Pullup Resistance (internal to
V3MON)
50
K
Ω
Reset Hold-Time Tolerance
(Figure 9 and Table 6a)
Δt
RS_HOLD
Do not apply to codes 0x6 and 0x7
-10
+10
%
SERIAL INTERFACES
Input Logic High (SCL, SDA)4
VIH
External Rpull-up = 2.2k
Ω
2.0
5.5
V
Input Logic Low (SCL, SDA)
VIL
External Rpull-up = 2.2k
Ω
0
0.8
V
Output Logic High (SDA)
VOH
VRAIL = 3.3V, External Rpull-up =
2.2k
Ω
3.0
3.3
V
Output Logic Low (SDA)
VOL
VRAIL = 3.3V, External Rpull-up =
2.2k
Ω
0
0.4
V
Input Capacitance
CI
5
pF
POWER SUPPLY
Supply Voltage Range
V1MON
6.0
30
V


Numéro de pièce similaire - AD5100

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5100 AD-AD5100 Datasheet
694Kb / 36P
   System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
AD5100YRQZ AD-AD5100YRQZ Datasheet
694Kb / 36P
   System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
AD5100YRQZ-RL7 AD-AD5100YRQZ-RL7 Datasheet
694Kb / 36P
   System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
AD5100 AD-AD5100_08 Datasheet
694Kb / 36P
   System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
AD5100 AD-AD5100_15 Datasheet
455Kb / 36P
   System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
REV. A
More results

Description similaire - AD5100

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD5100 AD-AD5100_08 Datasheet
694Kb / 36P
   System Management IC with Programmable Quad Voltage Monitoring and Supervisory Functions
REV. 0
AD5100 AD-AD5100_15 Datasheet
455Kb / 36P
   System Management IC with Factory Programmed Quad Voltage Monitoring and Supervisory Functions
REV. A
logo
Texas Instruments
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066 TI1-LM25066_16 Datasheet
1Mb / 63P
[Old version datasheet]   System Power Management and Protection IC With PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com