Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DIM600NSM45-F000 Fiches technique(PDF) 2 Page - Dynex Semiconductor

No de pièce DIM600NSM45-F000
Description  Single Switch IGBT Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DYNEX [Dynex Semiconductor]
Site Internet  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM600NSM45-F000 Fiches technique(HTML) 2 Page - Dynex Semiconductor

  DIM600NSM45-F000 Datasheet HTML 1Page - Dynex Semiconductor DIM600NSM45-F000 Datasheet HTML 2Page - Dynex Semiconductor DIM600NSM45-F000 Datasheet HTML 3Page - Dynex Semiconductor DIM600NSM45-F000 Datasheet HTML 4Page - Dynex Semiconductor DIM600NSM45-F000 Datasheet HTML 5Page - Dynex Semiconductor DIM600NSM45-F000 Datasheet HTML 6Page - Dynex Semiconductor DIM600NSM45-F000 Datasheet HTML 7Page - Dynex Semiconductor DIM600NSM45-F000 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DIM600NSM45-F000
2/8:
This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
ABSOLUTE MAXIMUM RATINGS
Stresses above those listed under 'Absolute Maximum Ratings' may cause permanent damage to the device.
In extreme conditions, as with all semiconductors, this may include potentially hazardous rupture of the
package. Appropriate safety precautions should always be followed. Exposure to Absolute Maximum Ratings
may affect device reliability.
Tcase = 25°C unless stated otherwise
Symbo
l
Parameter
Test Conditions
Max.
Units
VCES
Collector-emitter voltage
VGE =0V
4500
V
VGES
Gate-emitter voltage
±20
V
IC
Continuous collector current
Tcase =100 °C
600
A
IC(PK)
Peak collector current
1ms, Tcase=115 °C
1200
A
Pmax
Max.transistor power
dissipation
Tcase =25 °C, T j =150 °C
10.4
kW
Visol
Isolation voltage-per module
Commoned terminals to base plate. AC RMS,1
min,50Hz
6000
kV
QPD
Partial discharge-per module
IEC1287.V1 =3750V, V2 =2750V, 50Hz RMS
10
pC
THERMAL AND MECHANICAL RATINGS
Internal insulation material:
AlN
Baseplate material:
AlSiC
Creepage distance:
29mm
Clearance:
20mm
CTI (Critical Tracking Index)
175
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Units
Rth(j-c)
Thermal resistance -transistor (per
switch)
Continuous dissipation -
junction to case
-
12
°C/kW
Rth(j-c)
Thermal resistance -diode (per
switch)
Continuous dissipation -
junction to case
-
24
°C/kW
Rth(c-h)
Thermal resistance -case to heatsink
(per module)
Mounting torque 5Nm
(with mounting grease)
-
8
°C/kW
Tj
Junction temperature
Transistor
-
-
150
°C
Diode
-
-
125
°C
Tstg
Storage temperature range
-
-40
-
125
°C
Screw torque
Mounting M6
-
-
5
Nm
Electrical connections -
M4
-
-
2
Nm
Electrical connections -
M8
-
-
10
Nm


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
DIM600BSS12-A000 Single Switch IGBT Module 1  2  3  4  5  More Dynex Semiconductor
DIM200WBS12-A000 Single Switch IGBT Module 1  2  3  4  5  More Dynex Semiconductor
DIM600DDM17-A000 Dual Switch IGBT Module 1  2  3  4  5  More Dynex Semiconductor
DIM200WLS12-A000 IGBT Chopper Module - Lower Arm Control 1  2  3  4  5  More Dynex Semiconductor
MS5F5617 IGBT module 1  2  3  4  5  More Fuji Electric
MS5F6015 IGBT MODULE 1  2  3  4  5  More Fuji Electric
NLAS9431 Low Voltage Single Supply Dual DPDT Analog Switch 1  2  3  4  5  More ON Semiconductor
MS5F6058 IGBT MODULE 1  2  3  4  5  More Fuji Electric
AD8153 Single Buffered Switch 3.2 Gbps 1  2  3  4  5  More Analog Devices
NLAST9431 Low Voltage Single Supply Dual DPDT Analog Switch 1  2  3  4  5  More ON Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn