Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DIM600NSM45-F000 Fiches technique(PDF) 1 Page - Dynex Semiconductor

No de pièce DIM600NSM45-F000
Description  Single Switch IGBT Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DYNEX [Dynex Semiconductor]
Site Internet  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DIM600NSM45-F000 Fiches technique(HTML) 1 Page - Dynex Semiconductor

  DIM600NSM45-F000 Datasheet HTML 1Page - Dynex Semiconductor DIM600NSM45-F000 Datasheet HTML 2Page - Dynex Semiconductor DIM600NSM45-F000 Datasheet HTML 3Page - Dynex Semiconductor DIM600NSM45-F000 Datasheet HTML 4Page - Dynex Semiconductor DIM600NSM45-F000 Datasheet HTML 5Page - Dynex Semiconductor DIM600NSM45-F000 Datasheet HTML 6Page - Dynex Semiconductor DIM600NSM45-F000 Datasheet HTML 7Page - Dynex Semiconductor DIM600NSM45-F000 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
DIM600NSM45-F000
Single Switch IGBT Module
DS5873-1.2 August 2006
(LN24760)
FEATURES
10µs Short Circuit Withstand
Soft Punch Through Silicon
Lead Free construction
Isolated MMC Base with AlN Substrates
High Thermal Cycling Capability
APPLICATIONS
High Reliability Inverters
Motor Controllers
Traction Drives
Choppers
The Powerline range of high power modules includes
half bridge, chopper, dual, single and bi-directional
switch configurations covering voltages from 600V to
6500V and currents up to 3600A.
The DIM600NSM45-F000 is a single switch 4500V,
soft punch through n-channel enhancement mode,
insulated gate bipolar transistor (IGBT) module. The
IGBT has a wide reverse bias safe operating area
(RBSOA) plus 10us short circuit withstand. This
device is optimised for traction drives and other
applications requiring high thermal cycling capability.
The module incorporates an electrically isolated base
plate and low inductance construction enabling circuit
designers to optimise circuit layouts and utilise
grounded heat sinks for safety.
ORDERING INFORMATION
Order As:
DIM600NSM45-F000
Note: When ordering, please use the complete part
number
KEY PARAMETERS
V CES
4500V
V CE(sat) *
(typ)
2.9 V
I C
(max) 600A
I C(PK)
(max) 1200A
*(measured at the power busbars and not the auxiliary terminals)
Fig. 1 Single switch circuit diagram
Outline type code: N
(See package details for further information)
Fig. 2 Electrical connections - (not to scale)


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
DIM600BSS12-A000 Single Switch IGBT Module 1  2  3  4  5  More Dynex Semiconductor
DIM200WBS12-A000 Single Switch IGBT Module 1  2  3  4  5  More Dynex Semiconductor
DIM600DDM17-A000 Dual Switch IGBT Module 1  2  3  4  5  More Dynex Semiconductor
DIM200WLS12-A000 IGBT Chopper Module - Lower Arm Control 1  2  3  4  5  More Dynex Semiconductor
MS5F5617 IGBT module 1  2  3  4  5  More Fuji Electric
MS5F6015 IGBT MODULE 1  2  3  4  5  More Fuji Electric
NLAS9431 Low Voltage Single Supply Dual DPDT Analog Switch 1  2  3  4  5  More ON Semiconductor
MS5F6058 IGBT MODULE 1  2  3  4  5  More Fuji Electric
AD8153 Single Buffered Switch 3.2 Gbps 1  2  3  4  5  More Analog Devices
NLAST9431 Low Voltage Single Supply Dual DPDT Analog Switch 1  2  3  4  5  More ON Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn