Moteur de recherche de fiches techniques de composants électroniques |
|
ADR361B Fiches technique(PDF) 7 Page - Analog Devices |
|
ADR361B Fiches technique(HTML) 7 Page - Analog Devices |
7 / 20 page ADR360/ADR361/ADR363/ADR364/ADR365/ADR366 Rev. A | Page 7 of 20 ADR365—SPECIFICATIONS Electrical Characteristics (VIN = 5.3 V to 15 V, TA = 25°C, unless otherwise noted.) Table 6. Parameter Symbol Conditions Min Typ Max Unit OUTPUT VOLTAGE VO A Grade 4.992 5.000 5.008 V B Grade 4.996 5.000 5.004 V INITIAL ACCURACY VOERR A Grade 8 mV A Grade 0.16 % B Grade 4 mV B Grade 0.08 % A Grade, −40°C < TA < +125°C 25 ppm/°C TEMPERATURE COEFFICIENT TCVO B Grade, −40°C < TA < +125°C 9 ppm/°C SUPPLY VOLTAGE HEADROOM VIN − VO 300 mV LINE REGULATION ∆VO/∆VIN VIN = 5.3 V to 15 V, −40°C < TA < +125°C 0.25 mV/V ILOAD = 0 mA to 5 mA, −40°C < TA < +125°C, VIN = 6V 0.9 mV/mA LOAD REGULATION ∆VO/∆ILOAD ILOAD = −1 mA to 0 mA, −40°C < TA < +125°C, VIN = 6 V 2 mV/mA QUIESCENT CURRENT IIN −40°C < TA < +125°C 150 190 μA VOLTAGE NOISE eN p-p 0.1 Hz to 10 Hz 12.8 μV p-p TURN-ON SETTLING TIME tR 20 μs LONG-TERM STABILITY1 ∆VO 1,000 hours 50 ppm OUTPUT VOLTAGE HYSTERESIS ∆VO_HYS 100 ppm RIPPLE REJECTION RATIO RRR fIN = 60 kHz 70 dB VIN = 5 V 25 mA SHORT CIRCUIT TO GND ISC VIN = 15 V 30 mA 1 The long-term stability specification is noncumulative. The drift subsequent 1,000 hour periods are significantly lower than in the first 1,000 hour period. |
Numéro de pièce similaire - ADR361B |
|
Description similaire - ADR361B |