Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ADN2928 Fiches technique(PDF) 5 Page - Analog Devices

No de pièce ADN2928
Description  XFP Single Chip Transceiver IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADN2928 Fiches technique(HTML) 5 Page - Analog Devices

  ADN2928 Datasheet HTML 1Page - Analog Devices ADN2928 Datasheet HTML 2Page - Analog Devices ADN2928 Datasheet HTML 3Page - Analog Devices ADN2928 Datasheet HTML 4Page - Analog Devices ADN2928 Datasheet HTML 5Page - Analog Devices ADN2928 Datasheet HTML 6Page - Analog Devices ADN2928 Datasheet HTML 7Page - Analog Devices ADN2928 Datasheet HTML 8Page - Analog Devices ADN2928 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Preliminary Technical Data
ADN2928
Rev. PrB | Page 5 of 12
TRANSMIT PATH SPECIFICATIONS
Table 2.
PARAMETER
Conditions
Min
Typ
Max
Unit
QUANTIZER DC CHARACTERISTICS
ac coupled, PIN – NIN
Peak-to-Peak Differential Input
PIN – NIN, BER < 10−12
1.8
V
Input Sensitivity, VSENSE
40
mV
Input Offset Voltage
1
mV
Input Current
µA
Input RMS Noise
µV
QUANTIZER AC CHARACTERISTICS
Differential
−3dB Bandwidth
@ 10 GHz
10
GHz
Input Data Rate
9.953
11.1
Gbps
Small Signal Gain
32
dB
S11
−12
dB
Random Jitter
0.3
ps rms
Input Resistance
100
Input Capacitance
TBD
pF
Power-Supply Rejection
100 mV p-p @ 100 MHz on VDD
60
dB
PHASE-LOCKED LOOP CHARACTERISTICS
For All Input Data Rates
Jitter Transfer BW
1.2
3
MHz
Jitter Tolerance - Telecoms
Sinusoidal Jitter Tolerance
Meets SONET mask.
Jitter Tolerance - Datacoms
Sinusoidal Jitter Tolerance
Meets 802.3ae mask
Jitter Generation rms
0.7
pS rms
Jitter Peaking
Measured 50 kHz – 80 MHz
< 120 kHz
0
dB
> 120 kHz
0
dB
CML OUTPUTS - TxOUTP/N
Single-Ended Output Swing
Vse
300
500
mV
Differential Output Swing
Vdiff
700
1000
mV
Output High Voltage
Voh
TBD
Output Low Voltage
Vol
TBD
Rise Time
20% – 80%
24
ps
Fall Time
80% – 20%
24
ps


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn