Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADN2880 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce ADN2880
Description  3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADN2880 Fiches technique(HTML) 9 Page - Analog Devices

Back Button ADN2880 Datasheet HTML 4Page - Analog Devices ADN2880 Datasheet HTML 5Page - Analog Devices ADN2880 Datasheet HTML 6Page - Analog Devices ADN2880 Datasheet HTML 7Page - Analog Devices ADN2880 Datasheet HTML 8Page - Analog Devices ADN2880 Datasheet HTML 9Page - Analog Devices ADN2880 Datasheet HTML 10Page - Analog Devices ADN2880 Datasheet HTML 11Page - Analog Devices ADN2880 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADN2880
Rev. 0 | Page 9 of 12
ASSEMBLY RECOMMENDATIONS
Coplanar PIN Photodiode for SDH/SONET
CB
CA
VCC
OUTB
OUT
CPD
VPD
Figure 18. 5-Pin TO-46 with External Photodiode Supply VPD
Connected Through the FILTER Pin
CPD
FILTER
IN
VPD
B.W.
B.W.
B.W.
B.W.
0.85V
20pF
50
Ω
200
Ω
50
Ω
VCC
CB
VCC
GND
GND
CAP
OUTB
OUT
RSSI
B.W
B.W.
B.W.
B.W.
B.W.
B.W.
B.W.
Figure 19. Equivalent Circuit of the Assembly Including Bond Wires
Dual Planar PIN/APD Photodiode for SDH/SONET
CB
CA
VCC
OUTB
OUT
CPD
PD
VPD
Figure 20. 5-Pin TO-46 with External Photodiode Supply VPD to
a Dual Planar PIN or APD
0.85V
20pF
50
Ω
200
Ω
50
Ω
VCC
CB
CPD
IN
VCC
GND
GND
CAP
OUTB
OUT
RSSI
VPD
B.W
B.W.
B.W.
B.W.
B.W.
B.W.
B.W.
B.W.
B.W.
Figure 21. For Dual Planar PDs, No Connection to FILTER Pin
Table 4. Bill of Materials (BOM)
Component
Description
PD
1× vendor specific, 2.5 Gbps, photodiode
TIA
1× ADN2880 (0.7 mm × 1.2 mm), 3.2 Gbps,
transimpedance amplifier
CB
1× 200 pF, RF single-layer capacitor
CPD
1× 560 pF, RF single-layer capacitor
CA
1× 1000 pF, ceramic capacitor (optional for SDH)
Notes
One mil thickness, gold wire, ball bond recommended.
Minimize all GND bond-wire lengths.
Minimize IN, FILTER, OUT, and OUTB bond-wire lengths.
Maintain symmetry in length and orientation between OUT
and OUTB bond wires.
Maintain symmetry in length and orientation between IN and
FILTER bond wires.
Maintain symmetry between IN/FILTER and OUT/OUTB
bond wires.


Numéro de pièce similaire - ADN2880

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADN2880 AD-ADN2880_15 Datasheet
356Kb / 12P
   3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
More results

Description similaire - ADN2880

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADN2880 AD-ADN2880_15 Datasheet
356Kb / 12P
   3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
ADN2882 AD-ADN2882_15 Datasheet
275Kb / 12P
   4.25 Gbps, 3.3 V Low Noise, Transimpedance Amplifier
REV. A
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891 Datasheet
602Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
logo
M/A-COM Technology Solu...
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
logo
Analog Devices
ADN2882 AD-ADN2882 Datasheet
184Kb / 10P
   4.25 Gbps 3.3V Low Noise Transimpedance Amplifier
Rev. PrD November 04 2004
logo
Maxim Integrated Produc...
MAX3657 MAXIM-MAX3657_V01 Datasheet
755Kb / 15P
   155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
logo
Applied Micro Circuits ...
CS3170 AMCC-CS3170 Datasheet
159Kb / 11P
   2.5 Gbps Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com