Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADN2821XCHIP-02KWP Fiches technique(PDF) 6 Page - Analog Devices

No de pièce ADN2821XCHIP-02KWP
Description  11.1 Gbps 3.3V Transimpedance Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADN2821XCHIP-02KWP Fiches technique(HTML) 6 Page - Analog Devices

  ADN2821XCHIP-02KWP Datasheet HTML 1Page - Analog Devices ADN2821XCHIP-02KWP Datasheet HTML 2Page - Analog Devices ADN2821XCHIP-02KWP Datasheet HTML 3Page - Analog Devices ADN2821XCHIP-02KWP Datasheet HTML 4Page - Analog Devices ADN2821XCHIP-02KWP Datasheet HTML 5Page - Analog Devices ADN2821XCHIP-02KWP Datasheet HTML 6Page - Analog Devices ADN2821XCHIP-02KWP Datasheet HTML 7Page - Analog Devices ADN2821XCHIP-02KWP Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADN2821
Preliminary Technical Data
Rev. PrL| Page 6 of 8
PAD LAYOUT
Figure 2.. Pad Layout
PAD COORDINATES
Table 4.
PAD #
PAD
X (um)
Y (um)
1
GND
−500
260
2
IN
−500
130
3
TEST
−500
10
4
FILTER
−500
−120
5
FILTER
−500
−260
6
GND
−350
−260
7
RSSI
−200
−260
8
CAP
−50
−260
9
GND
130
−260
10
GND
500
−260
11
OUTB
350
−60
12
OUT
350
60
13
GND
500
260
14
GND
130
260
15
VCCFILTER
−50
260
16
VCC
−200
260
17
VCC
−350
260
DIE INFORMATION
Die Size
0.7mm × 1.2mm
(edge-edge including 1mil scribe)
Die Thickness
10mils = 0.25mm
Passivation Openings
0.075 mm × 0.075 mm
(pads 1-8, 9, 10, 13, 15, 16, 17)
0.144mm × 0.075mm
(pads 9, 11, 12, 14)
Passivation Composition
5000Å Si3N4 (top)
+5000 Å SiO2 (bot)
Pad Composition
Al/1%Cu
Backside Contact
B
FI LT ER
RSSI


Numéro de pièce similaire - ADN2821XCHIP-02KWP

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADN2821 AD-ADN2821_15 Datasheet
150Kb / 8P
   11.1 Gbps 3.3V Transimpedance Amplifier
Rev. PrL
More results

Description similaire - ADN2821XCHIP-02KWP

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADN2821 AD-ADN2821_15 Datasheet
150Kb / 8P
   11.1 Gbps 3.3V Transimpedance Amplifier
Rev. PrL
ADN2882 AD-ADN2882 Datasheet
184Kb / 10P
   4.25 Gbps 3.3V Low Noise Transimpedance Amplifier
Rev. PrD November 04 2004
logo
Applied Micro Circuits ...
CS3170 AMCC-CS3170 Datasheet
159Kb / 11P
   2.5 Gbps Transimpedance Amplifier
logo
Hittite Microwave Corpo...
HMC690 HITTITE-HMC690 Datasheet
379Kb / 10P
   10 Gbps TRANSIMPEDANCE AMPLIFIER
logo
Texas Instruments
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
logo
OKI electronic componet...
KGA4133 OKI-KGA4133 Datasheet
92Kb / 4P
   12.5 Gbps Transimpedance Amplifier IC
logo
Vitesse Semiconductor C...
VSC7878 VITESSE-VSC7878 Datasheet
465Kb / 2P
   10 Gbps Linear Transimpedance Amplifier
logo
Texas Instruments
ONET8541T TI1-ONET8541T_16 Datasheet
478Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T_16 Datasheet
485Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier
logo
M/A-COM Technology Solu...
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com