Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADN2818ACP-RL Fiches technique(PDF) 11 Page - Analog Devices

No de pièce ADN2818ACP-RL
Description  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADN2818ACP-RL Fiches technique(HTML) 11 Page - Analog Devices

Back Button ADN2818ACP-RL Datasheet HTML 7Page - Analog Devices ADN2818ACP-RL Datasheet HTML 8Page - Analog Devices ADN2818ACP-RL Datasheet HTML 9Page - Analog Devices ADN2818ACP-RL Datasheet HTML 10Page - Analog Devices ADN2818ACP-RL Datasheet HTML 11Page - Analog Devices ADN2818ACP-RL Datasheet HTML 12Page - Analog Devices ADN2818ACP-RL Datasheet HTML 13Page - Analog Devices ADN2818ACP-RL Datasheet HTML 14Page - Analog Devices ADN2818ACP-RL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Preliminary Technical Data
ADN2817/ADN2818
Rev.Pr A | Page 11 of 35
I2C INTERFACE TIMING AND INTERNAL REGISTER DESCRIPTION
1
A5
0
000
0
X
MSB = 1
SET BY
PIN 19
0 = WR
1 = RD
SLAVE ADDRESS [6...0]
R/W
CTRL.
Figure 7. Slave Address Configuration
S
SLAVE ADDR, LSB = 0 (WR) A(S)
A(S)
A(S)
DATA
SUB ADDR
A(S)
P
DATA
Figure 8. I2C Write Data Transfer
S
S = START BIT
P = STOP BIT
A(S) = ACKNOWLEDGE BY SLAVE
A(M) = ACKNOWLEDGE BY MASTER
A(M) = LACK OF ACKNOWLEDGE BY MASTER
S
SLAVE ADDR, LSB = 0 (WR)
SLAVE ADDR, LSB = 1 (RD)
A(S)
A(S)
SUB ADDR
A(S) DATA A(M)
DATA
P
A(M)
Figure 9. I2C Read Data Transfer
START BIT
S
STOP BIT
P
ACK
ACK
WR
ACK
D0
D7
A0
A7
A5
A6
SLADDR[4...0]
SLAVE ADDRESS
SUB ADDRESS
DATA
SUB ADDR[6...1]
DATA[6...1]
SCK
SDA
Figure 10. I2C Data Transfer Timing
tBUF
SDA
SS
P
S
SCK
tF
tLOW
tR
tF
tHD;STA
tHD;DAT
tSU;DAT
tHIGH
tSU;STA
tSU;STO
tHD;STA
tR
Figure 11. I2C Port Timing Diagram


Numéro de pièce similaire - ADN2818ACP-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADN2818ACPZ AD-ADN2818ACPZ Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818ACPZ-RL AD-ADN2818ACPZ-RL Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818ACPZ-RL7 AD-ADN2818ACPZ-RL7 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results

Description similaire - ADN2818ACP-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADN2865 AD-ADN2865 Datasheet
455Kb / 33P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
Rev.PrA
logo
Vitesse Semiconductor C...
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
   10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
logo
Analog Devices
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. PrA
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com