Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX1210MRNP06BB5 Fiches technique(PDF) 3 Page - Continental Device India Limited

No de pièce CX1210MRNP06BB5
Description  SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CDIL [Continental Device India Limited]
Site Internet  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CX1210MRNP06BB5 Fiches technique(HTML) 3 Page - Continental Device India Limited

  CX1210MRNP06BB5 Datasheet HTML 1Page - Continental Device India Limited CX1210MRNP06BB5 Datasheet HTML 2Page - Continental Device India Limited CX1210MRNP06BB5 Datasheet HTML 3Page - Continental Device India Limited CX1210MRNP06BB5 Datasheet HTML 4Page - Continental Device India Limited CX1210MRNP06BB5 Datasheet HTML 5Page - Continental Device India Limited CX1210MRNP06BB5 Datasheet HTML 6Page - Continental Device India Limited CX1210MRNP06BB5 Datasheet HTML 7Page - Continental Device India Limited CX1210MRNP06BB5 Datasheet HTML 8Page - Continental Device India Limited CX1210MRNP06BB5 Datasheet HTML 9Page - Continental Device India Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Phycomp
Product specification
Surface-mount ceramic
EMI filter capacitors
X2Y® Series
2006 Nov.21 V.11
3
www.yageo.com
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Materials
X7R
Rated voltage
10 V, 16 V, 25 V, 50/63 V, 100 V (IEC)
Capacitance range (Y-capacitor):
0603 series
1.5 nF to 100 nF
0805 series
4.7 nF to 180 nF
1206 series
22 nF to 820 nF
1210 series
47 nF to 1 µF
1410 series
390 nF
Tolerance on capacitance
±20%
Test voltage (DC) for 1 minute
2.5
× Ur
Sectional specifications
IEC 60384-10, second edition 1989-04; also based on
CECC 32 100
Detailed specification
based on CECC 32 101-801
Climatic category (IEC 60068)
X7R: 55/125/56


Numéro de pièce similaire - CX1210MRNP06BB5

FabricantNo de pièceFiches techniqueDescription
logo
Pulse A Technitrol Comp...
CX1210MRNP06BB5 PULSE-CX1210MRNP06BB5 Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
More results

Description similaire - CX1210MRNP06BB5

FabricantNo de pièceFiches techniqueDescription
logo
YAGEO Corporation
CX0603MRX7R0BB102 YAGEO-CX0603MRX7R0BB102 Datasheet
1Mb / 15P
   SURFACE-MOUNT CERAMIC EMI FILTER CAPACITORS
logo
Pulse A Technitrol Comp...
X2Y PULSE-X2Y Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
logo
API Technologies Corp
1234-001 APITECH-1234-001 Datasheet
39Kb / 1P
   SURFACE MOUNT FILTER
logo
Bi technologies
LC0805L103M BITECH-LC0805L103M Datasheet
66Kb / 6P
   Low Pass Filter Leadless Surface Mount Chip Inductor/Capacitors
logo
MTRONPTI
A-SERIES MTRONPTI-A-SERIES Datasheet
333Kb / 2P
   Surface Mount Bandpass Filter
logo
Marki Microwave
FB-0955SM MARKIMICROWAVE-FB-0955SM Datasheet
407Kb / 2P
   SURFACE MOUNT BANDPASS FILTER
FB-1215SM MARKIMICROWAVE-FB-1215SM Datasheet
435Kb / 2P
   SURFACE MOUNT BANDPASS FILTER
logo
Abracon Corporation
ASCF45UB ABRACON-ASCF45UB Datasheet
134Kb / 2P
   SURFACE MOUNT CRYSTAL FILTER
4.10.07
logo
MTRONPTI
Y MTRONPTI-Y Datasheet
328Kb / 2P
   Surface Mount Bandpass Filter
Z-SERIES MTRONPTI-Z-SERIES Datasheet
219Kb / 2P
   Surface Mount Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com