Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EMF5XV6T5 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce EMF5XV6T5
Description  Power Management, Dual Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

EMF5XV6T5 Fiches technique(HTML) 1 Page - ON Semiconductor

  EMF5XV6T5 Datasheet HTML 1Page - ON Semiconductor EMF5XV6T5 Datasheet HTML 2Page - ON Semiconductor EMF5XV6T5 Datasheet HTML 3Page - ON Semiconductor EMF5XV6T5 Datasheet HTML 4Page - ON Semiconductor EMF5XV6T5 Datasheet HTML 5Page - ON Semiconductor EMF5XV6T5 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
November, 2005 − Rev. 2
1
Publication Order Number:
EMF5XV6T5/D
EMF5XV6T5
Preferred Devices
Power Management,
Dual Transistors
NPN Silicon Surface Mount Transistors
with Monolithic Bias Resistor Network
Features
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
These are Pb−Free Devices
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Q1 (TA = 25°C unless otherwise noted, common for Q1 and Q2)
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
Electrostatic Discharge
ESD
HBM Class 1
MM Class B
Q2 (TA = 25°C)
Collector-Emitter Voltage
VCEO
−12
Vdc
Collector-Base Voltage
VCBO
−15
Vdc
Emitter-Base Voltage
VEBO
−6.0
Vdc
Collector Current − Peak
Collector Current − Continuous
IC
−1.0 (Note 1)
−0.5
Adc
Electrostatic Discharge
ESD
HBM Class 3B
MM Class C
THERMAL CHARACTERISTICS
Characteristic
(One Junction Heated)
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
PD
357 (Note 2)
2.9 (Note 2)
mW
mW/
°C
Thermal Resistance,
Junction-to-Ambient
RqJA
350 (Note 2)
°C/W
Characteristic
(Both Junctions Heated)
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25
°C
PD
500 (Note 2)
4.0 (Note 2)
mW
mW/
°C
Thermal Resistance,
Junction-to-Ambient
RqJA
250 (Note 2)
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Single pulse 1.0 ms.
2. FR−4 @ Minimum Pad.
Preferred devices are recommended choices for future use
and best overall value.
SOT−563
CASE 463A
PLASTIC
UY = Specific Device Code
M
= Date Code
G
= Pb−Free Package
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
EMF5XV6T5
SOT−563
(Pb−Free)
8000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
Q1
R1
R2
Q2
(1)
(2)
(3)
(4)
(5)
(6)
http://onsemi.com
1
6
1
EMF5XV6T5G
SOT−563
(Pb−Free)
8000/Tape & Reel
UY M
G
G
(Note: Microdot may be in either location)


Numéro de pièce similaire - EMF5XV6T5

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
EMF5 ROHM-EMF5 Datasheet
99Kb / 5P
   Power management (dual transistors)
EMF5 ROHM-EMF5 Datasheet
89Kb / 5P
   Power management (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMF5 HTSEMI-EMF5 Datasheet
553Kb / 2P
   General purpose transistors (dual transistors)
logo
Rohm
EMF5 ROHM-EMF5 Datasheet
72Kb / 5P
   Power management (dual transistors)
logo
Jiangsu Changjiang Elec...
EMF5 JIANGSU-EMF5 Datasheet
798Kb / 4P
   Dual Transistors (PNPNPN)
More results

Description similaire - EMF5XV6T5

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
EMG2DXV5T1 ONSEMI-EMG2DXV5T1 Datasheet
69Kb / 7P
   Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 0
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Leshan Radio Company
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
E-Tech Electronics LTD
MUN5111W ETL-MUN5111W Datasheet
577Kb / 11P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN5111DW1T1 LRC-LMUN5111DW1T1 Datasheet
321Kb / 12P
   Dual Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
LMUN5311DW1T1 LRC-LMUN5311DW1T1 Datasheet
424Kb / 29P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMD4DXV6T1 ONSEMI-EMD4DXV6T1 Datasheet
65Kb / 5P
   Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005??Rev. 1
logo
Leshan Radio Company
LMUN5211DW1T1 LRC-LMUN5211DW1T1 Datasheet
169Kb / 10P
   Dual Bias ResistorTransistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
AiT Semiconductor Inc.
DTA114EW AITSEMI-DTA114EW Datasheet
448Kb / 5P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.1
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com